Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5130.1100 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 5130.1100
Description  IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5130.1100 Datasheet(HTML) 3 Page - Schurter Inc.

  5130.1100 Datasheet HTML 1Page - Schurter Inc. 5130.1100 Datasheet HTML 2Page - Schurter Inc. 5130.1100 Datasheet HTML 3Page - Schurter Inc. 5130.1100 Datasheet HTML 4Page - Schurter Inc. 5130.1100 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power Entry Modules with Line Filter
530
www.schurter.com/pg06
EMC Products
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
16
Standard Version
2 x 0.6
100
2.2
1
20
Standard Version
2 x 0.3
100
2.2
1
16
Medical Version (M5)
2 x 0.6
100
-
1
20
Medical Version (M5)
2 x 0.3
100
-
1
Diagrams
Standard or medical version (M80)
1) Line
2) Load
Medical version
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
16 A
20 A
Medicalversion(M5)
16 A
20 A
Variants
Rated Current
IEC [A]
Rated Current
UL [A]
Filter-Type
Panel mounting
Mounting side
Terminal
Capacitor
Order Number
16
16
Standard Version
Screw-on/Rivet
Front-Side
Quick connect terminals
X2
5130.0000
16
20
Standard Version
Screw-on/Rivet
Front-Side
Quick connect terminals
X2
5130.0001
16
16
Standard Version
Screw-on/Rivet
Front-Side
Quick connect terminals
X1
5130.0100
16
20
Standard Version
Screw-on/Rivet
Front-Side
Quick connect terminals
X1
5130.0101
16
16
Standard Version
Screw
Rear-Side
Quick connect terminals
X2
5130.1000
16
20
Standard Version
Screw
Rear-Side
Quick connect terminals
X2
5130.1001
16
16
Standard Version
Screw
Rear-Side
Quick connect terminals
X1
5130.1100
16
20
Standard Version
Screw
Rear-Side
Quick connect terminals
X1
5130.1101
16
16
Standard Version
Snap-in
Front-Side
Quick connect terminals
X2
5130.2000
16
20
Standard Version
Snap-in
Front-Side
Quick connect terminals
X2
5130.2001
16
16
Standard Version
Snap-in
Front-Side
Quick connect terminals
X1
5130.2100
16
20
Standard Version
Snap-in
Front-Side
Quick connect terminals
X1
5130.2101
16
16
Medical Version (M5)
Screw-on/Rivet
Front-Side
Quick connect terminals
X2
5130.0200
16
20
Medical Version (M5)
Screw-on/Rivet
Front-Side
Quick connect terminals
X2
5130.0201
16
16
Medical Version (M5)
Screw-on/Rivet
Front-Side
Quick connect terminals
X1
5130.0300
16
20
Medical Version (M5)
Screw-on/Rivet
Front-Side
Quick connect terminals
X1
5130.0301


Similar Part No. - 5130.1100

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5130.1100 SCHURTER-5130.1100 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
More results

Similar Description - 5130.1100

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com