Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3739 Datasheet(PDF) 4 Page - EPCOS

Part # B3739
Description  SAW filter Short range devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3739 Datasheet(HTML) 4 Page - EPCOS

  B3739 Datasheet HTML 1Page - EPCOS B3739 Datasheet HTML 2Page - EPCOS B3739 Datasheet HTML 3Page - EPCOS B3739 Datasheet HTML 4Page - EPCOS B3739 Datasheet HTML 5Page - EPCOS B3739 Datasheet HTML 6Page - EPCOS B3739 Datasheet HTML 7Page - EPCOS B3739 Datasheet HTML 8Page - EPCOS B3739 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
December 17, 2009
B3739
314.90 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Operating temperature range:
T
= –45 ˚C to +125 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
314.90
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 42)
2.3
3.2
dB
excl. loss in matching elements
1.3
2.2
dB
Pass band (relative to
α
min)
314.75 ...
314.98 MHz
0.6
2.0
dB
314.72 ...
315.01 MHz
0.8
3.0
dB
314.68 ...
315.05 MHz
1.2
6.0
dB
Filter bandwidth
α
rel ≤ 3 dB
0.57
0.63
0.69
MHz
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
295.00 MHz
48
53
dB
295.00 ...
307.00 MHz
43
48
dB
307.00 ...
313.00 MHz
32
36
dB
313.00 ...
313.90 MHz
22
29
dB
315.90 ...
325.00 MHz
10
14
dB
325.00 ...
336.00 MHz
38
43
dB
336.00 ...
370.00 MHz
42
46
dB
370.00 ...
600.00 MHz
52
57
dB
600.00 ... 1500.00 MHz
60
65
dB
1500.00 ... 2500.00 MHz
55
60
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
610 || 2.2
Ω || pF
Output: ZOUT =ROUT || COUT
610 || 2.2
Ω || pF


Similar Part No. - B3739

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B3739 TDK-B3739 Datasheet
104Kb / 11P
   SAW Components SAW filter Short range devices
logo
List of Unclassifed Man...
B3739 ETC1-B3739 Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
More results

Similar Description - B3739

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3782 EPCOS-B3782_1 Datasheet
88Kb / 9P
   SAW filter Short range devices
B3783 EPCOS-B3783_1 Datasheet
91Kb / 10P
   SAW filter Short range devices
B3715 EPCOS-B3715_1 Datasheet
57Kb / 7P
   SAW filter Short range devices
B3932 EPCOS-B3932 Datasheet
87Kb / 10P
   SAW filter Short range devices
B3776 EPCOS-B3776 Datasheet
92Kb / 11P
   SAW filter Short range devices
B3737 EPCOS-B3737 Datasheet
105Kb / 11P
   SAW filter Short range devices
B3713 EPCOS-B3713_1 Datasheet
54Kb / 6P
   SAW filter Short range devices
B3792 EPCOS-B3792 Datasheet
75Kb / 9P
   SAW filter Short range devices
B3722 EPCOS-B3722 Datasheet
62Kb / 7P
   SAW filter Short range devices
B3738 EPCOS-B3738 Datasheet
89Kb / 10P
   SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com