Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5130.0201 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 5130.0201
Description  IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5130.0201 Datasheet(HTML) 4 Page - Schurter Inc.

  5130.0201 Datasheet HTML 1Page - Schurter Inc. 5130.0201 Datasheet HTML 2Page - Schurter Inc. 5130.0201 Datasheet HTML 3Page - Schurter Inc. 5130.0201 Datasheet HTML 4Page - Schurter Inc. 5130.0201 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Power Entry Modules with Line Filter
530
www.schurter.com/pg06
EMC Products
Rated Current
IEC [A]
Rated Current
UL [A]
Filter-Type
Panel mounting
Mounting side
Terminal
Capacitor
Order Number
16
16
Medical Version (M5)
Screw
Rear-Side
Quick connect terminals
X2
5130.1200
16
20
Medical Version (M5)
Screw
Rear-Side
Quick connect terminals
X2
5130.1201
16
16
Medical Version (M5)
Screw
Rear-Side
Quick connect terminals
X1
5130.1300
16
20
Medical Version (M5)
Screw
Rear-Side
Quick connect terminals
X1
5130.1301
16
16
Medical Version (M5)
Snap-in
Front-Side
Quick connect terminals
X2
5130.2200
16
20
Medical Version (M5)
Snap-in
Front-Side
Quick connect terminals
X2
5130.2201
16
16
Medical Version (M5)
Snap-in
Front-Side
Quick connect terminals
X1
5130.2300
16
20
Medical Version (M5)
Snap-in
Front-Side
Quick connect terminals
X1
5130.2301
Typeforscrewonmountingfromrearsidehaspre-threadedholesforM3screws
Packaging unit
20Pcs
Accessories
Description
Assorted Covers
Rear Cover
0859.0047
Cord retaining kits
Cord retaining strain relief
Flat head, L
4700.0011
Mating Inlets/Plugs
Category / Description
Connector Overview complete
IEC Connector C19, Rewireable, Angled
4790
IEC Connector C19, Rewireable, Straight
4795
Connector further types to 5130
Power Supply or Interconnection Cord Overview complete
Divers Power Supply and Interconnection Cords 16 A
Kabelverbindung/16 A
Power Supply or Interconnection Cord further types to 5130


Similar Part No. - 5130.0201

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5130.0000 SCHURTER-5130.0000 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
More results

Similar Description - 5130.0201

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120 Datasheet
881Kb / 6P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com