Electronic Components Datasheet Search |
|
NTMS4706NR2G Datasheet(PDF) 1 Page - ON Semiconductor |
|
NTMS4706NR2G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2005 November, 2005 − Rev. 3 1 Publication Order Number: NTMS4706N/D NTMS4706N Power MOSFET 30 V, 10.3 A, Single N−Channel, SO−8 Features • Low RDS(on) • Low Gate Charge • Standard SO−8 Single Package • Pb−Free Package is Available Applications • Notebooks, Graphics Cards • Synchronous Rectification • High Side Switch • DC−DC Converters MAXIMUM RATINGS (TJ = 25°C unless otherwise stated) Parameter Symbol Value Unit Drain−to−Source Voltage VDSS 30 V Gate−to−Source Voltage VGS ±20 V Continuous Drain Current (Note 1) Steady State TA = 25°C ID 8.6 A TA = 85°C 6.2 t v 10 s TA = 25°C 10.3 Power Dissipation (Note 1) Steady State TA = 25°C PD 1.5 W t v 10 s 2.2 Continuous Drain Current (Note 2) Steady State TA = 25°C ID 6.4 A TA = 85°C 4.6 Power Dissipation (Note 2) TA = 25°C PD 0.83 W Pulsed Drain Current tp = 10 ms IDM 31 A Operating Junction and Storage Temperature TJ, Tstg −55 to 150 °C Source Current (Body Diode) IS 2.1 A Single Pulse Drain−to−Source Avalanche Energy (VDD = 25 V, VGS = 10 V, IL Peak = 7.5 A, L = 10 mH, RG = 25 W) EAS 150 mJ Lead Temperature for Soldering Purposes (1/8 ″ from case for 10 s) TL 260 °C THERMAL RESISTANCE MAXIMUM RATINGS Parameter Symbol Value Unit Junction−to−Ambient – Steady State (Note 1) RqJA 83.5 °C/W Junction−to−Ambient – t v 10 s (Note 1) RqJA 58 Junction−to−Ambient – Steady State (Note 2) RqJA 150 Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Surfacemounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces). 2. Surfacemounted on FR4 board using the minimum recommended pad size. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com Device Package Shipping† ORDERING INFORMATION NTMS4706NR2 SO−8 2500/Tape & Reel V(BR)DSS RDS(ON) TYP ID MAX (Note 1) 30 V 9.0 m W @ 10 V 10.3 A N−Channel D S G †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. SO−8 CASE 751 STYLE 12 MARKING DIAGRAM/ PIN ASSIGNMENT 1 11.4 m W @ 4.5 V NTMS4706NR2G SO−8 (Pb−Free) 2500/Tape & Reel 4706N = Device Code A = Assembly Location L = WaferLot Y = Year WW = Work Week G = Pb−Free Package 18 Drain Drain Drain Drain Source Source Source Gate Top View (Note: Microdot may be in either location) |
Similar Part No. - NTMS4706NR2G |
|
Similar Description - NTMS4706NR2G |