Electronic Components Datasheet Search |
|
UC2825AQG3 Datasheet(PDF) 5 Page - Texas Instruments |
|
UC2825AQG3 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 18 page UC1823A,UC2823A, UC2823B, UC3823A,UC3823B,UC1825A, UC2825A,UC2825B,UC3825A,UC3825B SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008 www.ti.com 5 ELECTRICAL CHARACTERISTICS TA = −55°C to 125°C for the UC1823A/UC1825A, TA = −40°C to 85°C for the UC2823x/UC2825x, TA = 0°C to 70°C for the UC3823x/UC3825x, RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V, TA = TJ (unless otherwise noted) PWM COMPARATOR IBIAS Bias current, RAMP VRAMP = 0 V −1 −8 µA Minimum duty cycle 0% Maximum duty cycle 85% tLEB Leading edge blanking time RLEB = 2 kΩ, CLEB = 470 pF 300 375 450 ns RLEB Leading edge blanking resistance VCLK/LEB = 3 V 8.5 10.0 11.5 k Ω VZDC Zero dc threshold voltage, EAOUT VRAMP = 0 V 1.10 1.25 1.4 V tDELAY Delay-to-output time VEAOUT = 2.1 V, VILIM = 0 V to 2 V step 50 80 ns CURRENT LIMIT / START SEQUENCE / FAULT ISS Soft-start charge current VSS= 2.5 V 8 14 20 µA VSS Full soft-start threshold voltage 4.3 5 V IDSCH Restart discharge current VSS= 2.5 V 100 250 350 µA ISS Restart threshold voltage 0.3 0.5 V IBIAS ILIM bias current VILIM = 0 V to 2 V step 15 µA ICL Current limit threshold voltage 0.95 1 1.05 V Overcurrent threshold voltage 1.14 1.2 1.26 V td Delay-to-output time, ILIM(1) VILIM = 0 V to 2 V step 50 80 ns OUTPUT Low-level output saturation voltage IOUT = 20 mA 0.25 0.4 Low-level output saturation voltage IOUT = 200 mA 1.2 2.2 V High-level output saturation voltage IOUT = 20 mA 1.9 2.9 V High-level output saturation voltage IOUT = 200 mA 2 3 tr, tf Rise/fall time(1) CL = 1 nF 20 45 ns UNDERVOLTAGE LOCKOUT (UVLO) UC2823B, UC2825B, UC3825B, UC3825B 16 17 Start threshold voltage UC1823A, UC1825A, UC2823A, UC2825A UC3825A, UC3825A 8.4 9.2 9.6 Stop threshold voltage UC2823B, UC2825B, UC3825B, UC3825B 9 10 V OVLO hysteresis UC1823A, UC1825A, UC2823A, UC2825A UC3825A, UC3825A 0.4 0.8 1.2 V OVLO hysteresis UC2823B, UC2825B, UC3825B, UC3825B 5 6 7 SUPPLY CURRENT Isu Startup current VC = VCC = VTH = −0.5 V 100 300 µA ICC Input current 28 36 mA (1) Ensured by design. Not production tested. |
Similar Part No. - UC2825AQG3 |
|
Similar Description - UC2825AQG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |