Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP18N06 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP18N06
Description  Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP18N06 Datasheet(HTML) 1 Page - ON Semiconductor

  NTP18N06 Datasheet HTML 1Page - ON Semiconductor NTP18N06 Datasheet HTML 2Page - ON Semiconductor NTP18N06 Datasheet HTML 3Page - ON Semiconductor NTP18N06 Datasheet HTML 4Page - ON Semiconductor NTP18N06 Datasheet HTML 5Page - ON Semiconductor NTP18N06 Datasheet HTML 6Page - ON Semiconductor NTP18N06 Datasheet HTML 7Page - ON Semiconductor NTP18N06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 4
1
Publication Order Number:
NTP18N06/D
NTP18N06, NTB18N06
Power MOSFET
15 A, 60 V, N−Channel TO−220 & D2PAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
Pb−Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 10 mW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tp v 10 ms)
VGS
"20
"30
Vdc
Drain Current
− Continuous @ TC = 25°C
− Continuous @ TC = 100°C
− Single Pulse (tp v 10 ms)
ID
ID
IDM
15
8.0
45
Adc
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
48.4
0.32
W
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, VDS = 60 Vdc,
IL(pk) = 11 A, L = 1.0 mH, RG = 25 W)
EAS
61
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
3.1
72.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, (1/8
″ from case for 10 s)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
MARKING DIAGRAMS
& PIN ASSIGNMENTS
NTx18N06
= Device Code
x
= B or P
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTx18N06G
AYWW
1
Gate
3
Source
4
Drain
2
Drain
NTx
18N06G
AYWW
1
Gate
3
Source
4
Drain
2
Drain
1
2
3
4
D2PAK
CASE 418AA
STYLE 2
60 V
90 m
W @ 10 V
RDS(on) TYP
15 A
ID MAX
V(BR)DSS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
N−Channel
D
S
G


Similar Part No. - NTP18N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTP18N06G VBSEMI-NTP18N06G Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTP18N06L ONSEMI-NTP18N06L Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTP18N06L VBSEMI-NTP18N06L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
ON Semiconductor
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
More results

Similar Description - NTP18N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTB5404N ONSEMI-NTB5404N Datasheet
133Kb / 7P
   Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTMYS014N06CL ONSEMI-NTMYS014N06CL Datasheet
327Kb / 7P
   Power MOSFET 60 V, 15 m, 37 A, Single N?묬hannel
March, 2019-Rev. 0
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com