Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP18N06 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP18N06
Description  Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP18N06 Datasheet(HTML) 3 Page - ON Semiconductor

  NTP18N06 Datasheet HTML 1Page - ON Semiconductor NTP18N06 Datasheet HTML 2Page - ON Semiconductor NTP18N06 Datasheet HTML 3Page - ON Semiconductor NTP18N06 Datasheet HTML 4Page - ON Semiconductor NTP18N06 Datasheet HTML 5Page - ON Semiconductor NTP18N06 Datasheet HTML 6Page - ON Semiconductor NTP18N06 Datasheet HTML 7Page - ON Semiconductor NTP18N06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTP18N06, NTB18N06
http://onsemi.com
3
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
32
24
16
8
4
3
2
1
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
7
6
5
4
3
32
24
16
8
0
0
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
0.2
0.16
0.12
0.04
20
16
12
8
4
0
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
0
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
2
1.6
1.4
1.2
1
0.8
150
125
100
75
50
25
0
−25
−50
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
10
0
100
10
1
0.6
1000
Figure 6. Drain−to−Source Leakage Current
versus Voltage
32
28
0.08
20
60
5
40
30
50
VGS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = 10 V
ID = 7.5 A
VGS = 10 V
TJ = 150°C
VGS = 0 V
TJ = 100°C
9 V
8 V
7 V
6.5 V
6 V
5.5 V
5 V
4.5 V
8
24
0.2
0.16
0.12
0.04
20
16
12
8
4
0
0
32
28
0.08
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = 15 V
24
175
1.8
ID, DRAIN CURRENT (AMPS)


Similar Part No. - NTP18N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTP18N06G VBSEMI-NTP18N06G Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTP18N06L ONSEMI-NTP18N06L Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTP18N06L VBSEMI-NTP18N06L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
ON Semiconductor
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
More results

Similar Description - NTP18N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTB5404N ONSEMI-NTB5404N Datasheet
133Kb / 7P
   Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTMYS014N06CL ONSEMI-NTMYS014N06CL Datasheet
327Kb / 7P
   Power MOSFET 60 V, 15 m, 37 A, Single N?묬hannel
March, 2019-Rev. 0
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com