Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP60N06L Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP60N06L
Description  Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP60N06L Datasheet(HTML) 1 Page - ON Semiconductor

  NTP60N06L Datasheet HTML 1Page - ON Semiconductor NTP60N06L Datasheet HTML 2Page - ON Semiconductor NTP60N06L Datasheet HTML 3Page - ON Semiconductor NTP60N06L Datasheet HTML 4Page - ON Semiconductor NTP60N06L Datasheet HTML 5Page - ON Semiconductor NTP60N06L Datasheet HTML 6Page - ON Semiconductor NTP60N06L Datasheet HTML 7Page - ON Semiconductor NTP60N06L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 3
1
Publication Order Number:
NTP60N06L/D
NTP60N06L, NTB60N06L
Power MOSFET
60 Amps, 60 Volts,
Logic Level
N−Channel TO−220 and D2PAK
Designed for low voltage, high speed switching applications in
power supplies, converters, power motor controls and bridge circuits.
Features
Pb−Free Packages are Available
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 10 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tpv10 ms)
VGS
VGS
"15
"20
Vdc
Drain Current
− Continuous @ TA = 25°C
− Continuous @ TA 100°C
− Single Pulse (tpv10 ms)
ID
ID
IDM
60
42.3
180
Adc
Apk
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 1)
PD
150
1.0
2.4
W
W/
°C
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 75 Vdc, VGS = 5.0 Vdc,
L = 0.3 mH, IL(pk) = 55 A,VDS = 60 Vdc)
EAS
454
mJ
Thermal Resistance,
− Junction−to−Case
− Junction−to−Ambient (Note 1)
RqJC
RqJA
1.0
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 board using the minimum recommended
pad size, (Cu Area 0.412 in2).
60 AMPERES, 60 VOLTS
RDS(on) = 16 mW
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
N−Channel
D
S
G
MARKING DIAGRAMS
& PIN ASSIGNMENTS
1
2
3
4
D2PAK
CASE 418B
STYLE 2
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
NTx60N06L
= Device Code
x
= B or P
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTx60N06LG
AYWW
1
Gate
3
Source
4
Drain
2
Drain
NTx
60N06LG
AYWW
1
Gate
3
Source
4
Drain
2
Drain


Similar Part No. - NTP60N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTP60N06 VBSEMI-NTP60N06 Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NTP60N06G ONSEMI-NTP60N06G Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTP60N06G VBSEMI-NTP60N06G Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTP60N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP45N06L ONSEMI-NTP45N06L Datasheet
87Kb / 8P
   45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
August, 2004 ??Rev. 1
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD20N06L ONSEMI-NTD20N06L Datasheet
89Kb / 12P
   Power MOSFET 20 Amps, 60 Volts, Logic Level
August, 2003 ??Rev. 1
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com