Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39431B3782Z810 Datasheet(PDF) 9 Page - EPCOS

Part # B39431B3782Z810
Description  SAW filter Short range devices
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39431B3782Z810 Datasheet(HTML) 9 Page - EPCOS

  B39431B3782Z810 Datasheet HTML 1Page - EPCOS B39431B3782Z810 Datasheet HTML 2Page - EPCOS B39431B3782Z810 Datasheet HTML 3Page - EPCOS B39431B3782Z810 Datasheet HTML 4Page - EPCOS B39431B3782Z810 Datasheet HTML 5Page - EPCOS B39431B3782Z810 Datasheet HTML 6Page - EPCOS B39431B3782Z810 Datasheet HTML 7Page - EPCOS B39431B3782Z810 Datasheet HTML 8Page - EPCOS B39431B3782Z810 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
April 30, 2007
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of passive electronic compo-
nents or failure before the end of their usual service life cannot be completely ruled
out in the current state of the art, even if they are operated as specified. In customer
applications requiring a very high level of operational safety and especially in customer appli-
cations in which the malfunction or failure of a passive electronic component could endanger
human life or health (e.g. in accident prevention or life-saving systems), it must therefore be
ensured by means of suitable design of the customer application or other action taken by the
customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is
sustained by third parties in the event of malfunction or failure of a passive electronic compo-
nent.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, Silver-
Cap, SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered
or pending in Europe and in other countries. Further information will be found on the Internet
at www.epcos.com/trademarks.


Similar Part No. - B39431B3782Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39431B3782Z810 EPCOS-B39431B3782Z810 Datasheet
80Kb / 8P
   SAW filter 433.92 MHz
logo
TDK Electronics
B39431B3782Z810 TDK-B39431B3782Z810 Datasheet
100Kb / 9P
   SAW Components SAW filter Short range devices
More results

Similar Description - B39431B3782Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3783 EPCOS-B3783_1 Datasheet
91Kb / 10P
   SAW filter Short range devices
B3715 EPCOS-B3715_1 Datasheet
57Kb / 7P
   SAW filter Short range devices
B3932 EPCOS-B3932 Datasheet
87Kb / 10P
   SAW filter Short range devices
B3776 EPCOS-B3776 Datasheet
92Kb / 11P
   SAW filter Short range devices
B3737 EPCOS-B3737 Datasheet
105Kb / 11P
   SAW filter Short range devices
B3739 EPCOS-B3739 Datasheet
93Kb / 11P
   SAW filter Short range devices
B3713 EPCOS-B3713_1 Datasheet
54Kb / 6P
   SAW filter Short range devices
B3792 EPCOS-B3792 Datasheet
75Kb / 9P
   SAW filter Short range devices
B3722 EPCOS-B3722 Datasheet
62Kb / 7P
   SAW filter Short range devices
B3738 EPCOS-B3738 Datasheet
89Kb / 10P
   SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com