Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP46V8P5 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP46V8P5
Description  Low Capacitance Quad Array for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP46V8P5 Datasheet(HTML) 1 Page - ON Semiconductor

  NUP46V8P5 Datasheet HTML 1Page - ON Semiconductor NUP46V8P5 Datasheet HTML 2Page - ON Semiconductor NUP46V8P5 Datasheet HTML 3Page - ON Semiconductor NUP46V8P5 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
January, 2008 - Rev. 0
1
Publication Order Number:
NUP46V8P5/D
NUP46V8P5
Low Capacitance
Quad Array for
ESD Protection
This integrated transient voltage suppressor device (TVS) is
designed for applications requiring transient overvoltage protection. It
is intended to be used in sensitive equipment such as wireless headsets,
PDAs, digital cameras, computers, printers, communication systems,
and other applications. The integrated design provides very effective
and reliable protection for four separate lines using only one package.
This device is ideal for situations where board space is at a premium.
Features
ESD Protection: IEC61000-4-2: Level 4
Four Separate Unidirectional Configurations for Protection
Low Leakage Current < 1 mA @ 3 V
Small SOT-953 SMT Package
Low Capacitance
This is a Pb-Free Device
Benefits
Provides Protection for ESD Industry Standards: IEC 61000, HBM
Protects Four Lines Against Transient Voltage Conditions
Minimize Power Consumption of the System
Minimize PCB Board Space
Typical Applications
Cellular and Portable Electronics
Serial and Parallel Ports
Microprocessor Based Equipment
Notebooks, Desktops, Servers
SOT-953
CASE 526AB
5
4
1
2
3
MARKING DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NUP46V8P5T5G
SOT-953
(Pb-Free)
8000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
6
= Specific Device Code
M = Date Code
6 M
1


Similar Part No. - NUP46V8P5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP46V8P5T5G ONSEMI-NUP46V8P5T5G Datasheet
51Kb / 4P
   Low Capacitance Quad Array for ESD Protection
October, 2006 ??Rev. P5
More results

Similar Description - NUP46V8P5

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
ESDA6V1W5 AITSEMI-ESDA6V1W5 Datasheet
546Kb / 7P
   LOW CAPACITANCE QUAD ARRAY FOR ESD PROTECTION
REV1.0
logo
ON Semiconductor
NUP412VP5 ONSEMI-NUP412VP5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array for ESD Protection
May, 2008 ??Rev. 1
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
logo
Weitron Technology
ESDA6V8AW5 WEITRON-ESDA6V8AW5 Datasheet
205Kb / 3P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
51Kb / 4P
   Low Capacitance Quad Array for ESD Protection
October, 2006 ??Rev. P5
NUP4108W5 ONSEMI-NUP4108W5_07 Datasheet
120Kb / 4P
   Low Capacitance Quad Array for ESD Protection
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com