Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10700477 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 10700477
Description  TOUCHSCREEN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700477 Datasheet(HTML) 4 Page - Schurter Inc.

  10700477 Datasheet HTML 1Page - Schurter Inc. 10700477 Datasheet HTML 2Page - Schurter Inc. 10700477 Datasheet HTML 3Page - Schurter Inc. 10700477 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
2006
Datum
Name
Bearb.
18.08.
Maurer
TOUCHSCREEN
Gepr.
18.08
Maurer
19,1", 5-Wire
Vert.
AMT-02511-A1
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0477
Zu Änd.
Datum
Name
D 79346 Endingen
page 4 of 4
Index: -
5.3
Exposure to constant temperature and humidity
Touch panel is put into a test machine at the condition of 60°C, 90%RH for 504 hours. Then it is left at the room
temperature for 24 hours or more. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
5.4
Thermal Shock
Touch panel is put into a test machine at the condition of –40°C for 30 minutes, and then 80°C for 30 minutes.
The process is repeated by 10 cycles. Then it is left at the room temperature for 24 hours or more. The measure-
ment must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
6. Durability test:
6.1
Finger touches
Touch panel is hit 36 millions times with a silicone rubber of R8 finger, hitting rate is by 250g at 2 times per
second. The measurement must satisfy the following:
- Circuit close resistance: as Sec. 3.3
- Circuit open resistance: as Sec. 3.4
- Contact bounce: as Sec. 3.5
- Linearity test: as Sec. 3.6
7. Optical Performance:
7.1
Optical inspection method and optical defect standards refer to document. A001-2 Touch Screen Optical Quality
Standard.
7.2
Outside to Active Area : any optical defected in this area need to be ignored if no effected to touch screen func-
tion.
8. Others
8.1
Always store the touch screen in its original shipping container under normal conditions (20~25°C, 65% RH)


Similar Part No. - 10700477

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700470 SCHURTER-10700470 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700471 SCHURTER-10700471 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
   TOUCH SCREEN
More results

Similar Description - 10700477

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700435 SCHURTER-10700435 Datasheet
388Kb / 5P
   TOUCHSCREEN
10700426 SCHURTER-10700426 Datasheet
198Kb / 5P
   TOUCHSCREEN
10700430 SCHURTER-10700430 Datasheet
197Kb / 5P
   TOUCHSCREEN
10700445 SCHURTER-10700445 Datasheet
560Kb / 5P
   TOUCHSCREEN
10700450 SCHURTER-10700450 Datasheet
199Kb / 5P
   TOUCHSCREEN
10700482 SCHURTER-10700482 Datasheet
188Kb / 4P
   TOUCHSCREEN
10700416 SCHURTER-10700416 Datasheet
402Kb / 5P
   TOUCHSCREEN
10700419 SCHURTER-10700419 Datasheet
377Kb / 5P
   TOUCHSCREEN
10700465 SCHURTER-10700465 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700459 SCHURTER-10700459 Datasheet
236Kb / 4P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com