Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60000214 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 60000214
Description  APPLIANCE COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

60000214 Datasheet(HTML) 1 Page - Schurter Inc.

  60000214 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Approvals / Cordsets supplied by SCHURTER carry the country specific approvals /
Approbationen / Die von uns gelieferten Kabelverbindungen tragen die länderspezifischen Prüfzeichen.
www.schurter.com
3
APPLIANCE COUPLERS / GERÄTE-STECKVORRICHTUNGEN
CORDSETS / KABELVERBINDUNGEN
Stripped End
Cord Type / Kabel Typ
H05VV-F3G1.0
Conductor / Litzen
3 x 1,00 mm
2
Rated / Nennwerte
10 A / 250 V
Colour / Farbe
black / schwarz
Length / Länge
2,0 meters
6000.0214
IEC / EN 60320-1 / C13,
protection class I, pin temperature 70 ºC (cold
condition) / Schutzklasse I, Stifttemperatur 70 ºC
Stripped End
Cord Type / Kabel Typ
H05VV-F3G1.0
Conductor / Litzen
3 x 1,00 mm
2
Rated / Nennwerte
10 A / 250 V
Colour / Farbe
black / schwarz
Length / Länge
2,0 meters
6000.0224
6010
6016
6010
North America
Standard / Norm
NEMA 5-15
Cord Type / Kabel Typ
SJT
Conductor / Litzen
3 x 14 AWG
Rated / Nennwerte
16 A / 250 V
Colour / Farbe
black / schwarz
Length / Länge
2,5 meters
6009.5195
North America
Standard / Norm
NEMA 5-15
Cord Type / Kabel Typ
SVT
Conductor / Litzen
3 x 18 AWG
Rated / Nennwerte
10 A / 125 V
Colour / Farbe
black / schwarz
Length / Länge
2,0 meters
6009.1204
United Kingdom
Standard / Norm
BS 1363A
(13 A Fuse fitted /
13 A Sicherung montiert)
Cord Type / Kabel Typ
H05VV-F3G1.0
Conductor / Litzen
3 x 1,00 mm
2
Rated / Nennwerte
cable 10 A / 250 V
Colour / Farbe
black / schwarz
Length / Länge
2,0 meters
6044.0204
angled / abgewinkelt
stripped end / abisolierte Kabelenden
I
EC/EN 60320-1/C19
c
c
40
10
40
10
40
10
40
10


Similar Part No. - 60000214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60000S ETC1-60000S Datasheet
154Kb / 2P
   CIRCUIT PROTECTION
More results

Similar Description - 60000214

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
60040215 SCHURTER-60040215 Datasheet
70Kb / 1P
   APPLIANCE COUPLERS
43000920 SCHURTER-43000920 Datasheet
73Kb / 1P
   APPLIANCE COUPLERS
CS010221150 SCHURTER-CS010221150 Datasheet
71Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
logo
American Accurate Compo...
QPH9232 AAC-QPH9232 Datasheet
265Kb / 2P
   RF Couplers
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com