Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUS5531MTR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NUS5531MTR2G
Description  Main Switch Power MOSFET and Single Charging BJT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS5531MTR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NUS5531MTR2G Datasheet HTML 2Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 3Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 4Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 5Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 6Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 7Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 8Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 9Page - ON Semiconductor NUS5531MTR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NUS5531MT
http://onsemi.com
9
TYPICAL CHARACTERISTICS − BJT
Cibo (pF)
Figure 21. Input Capacitance
Figure 22. Output Capacitance
VEB, EMITTER BASE VOLTAGE (V)
4.0
3.0
2.0
1.0
0
125
150
300
325
350
VCB, COLLECTOR BASE VOLTAGE (V)
16
8.0
6.0
0
50
70
90
130
170
150
6.0
5.0
200
225
250
275
175
Cobo (pF)
2.0
4.0
14
12
10
110


Similar Part No. - NUS5531MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS5530MN ONSEMI-NUS5530MN Datasheet
162Kb / 9P
   Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
May, 2006 ??Rev. 0
NUS5530MNR2G ONSEMI-NUS5530MNR2G Datasheet
162Kb / 9P
   Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
May, 2006 ??Rev. 0
More results

Similar Description - NUS5531MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS3116MT ONSEMI-NUS3116MT Datasheet
178Kb / 10P
   Main Switch Power MOSFET and Dual Charging BJT
May, 2007 - Rev. 0
logo
List of Unclassifed Man...
BIC1422 ETC1-BIC1422 Datasheet
1Mb / 15P
   MAIN SWITCH MOSFET AND COMMUTATION MOSFET
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Texas Instruments
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com