Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD5803NT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVD5803NT4G
Description  Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5803NT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NVD5803NT4G Datasheet HTML 1Page - ON Semiconductor NVD5803NT4G Datasheet HTML 2Page - ON Semiconductor NVD5803NT4G Datasheet HTML 3Page - ON Semiconductor NVD5803NT4G Datasheet HTML 4Page - ON Semiconductor NVD5803NT4G Datasheet HTML 5Page - ON Semiconductor NVD5803NT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVD5803N
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
160
01234
5
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
105
85
65
25
5
−15
−35
−55
0.7
0.8
0.9
1.2
1.3
1.4
1.6
1.8
10 V
4.8 V
VGS = 5 V
4.2 V
4.0 V
3.8 V
3.6 V
TJ = 25°C
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
ID = 50 A
TJ = 25°C
VGS = 5 V
TJ = 25°C
VGS = 10 V
45
125 145 165
1.0
1.1
1.5
1.7
VGS = 10 V
ID = 50 A
TJ = 125°C
TJ = 150°C
VGS = 0 V
4.4 V
4.6 V
0
20
40
60
80
100
120
140
160
23
4
5
6
0.004
0.006
0.008
0.010
246
8
10
0.004
0.005
0.006
0.007
0.008
5
2035
5065
80
100
1000
10000
100000
5
10
15
2025303540


Similar Part No. - NVD5803NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5803NT4G ONSEMI-NVD5803NT4G Datasheet
77Kb / 6P
   Power MOSFET
August, 2016 ??Rev. 2
More results

Similar Description - NVD5803NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD78N03R ONSEMI-NTD78N03R Datasheet
215Kb / 8P
   Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
August, 2006 ??Rev. 4
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5803N ONSEMI-NTD5803N Datasheet
111Kb / 6P
   Power MOSFET 40 V, 76 A, Single N?묬hannel, DPAK
December, 2008 ??Rev. 0
NTD5406N ONSEMI-NTD5406N Datasheet
133Kb / 5P
   Power MOSFET 40 V, 70 A, Single N?묬hannel, DPAK
May, 2009 ??Rev. 2
NTD5805N ONSEMI-NTD5805N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 51 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NVD5890N ONSEMI-NVD5890N Datasheet
217Kb / 8P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com