Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS168X-CB4F005N Datasheet(PDF) 6 Page - Schurter Inc.

Part # AS168X-CB4F005N
Description  MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168X-CB4F005N Datasheet(HTML) 6 Page - Schurter Inc.

  AS168X-CB4F005N Datasheet HTML 1Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 2Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 3Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 4Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 5Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 6Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 7Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 8Page - Schurter Inc. AS168X-CB4F005N Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.schurter.com
128
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
MOTOR- UND GERÄTESCHUTZSCHALTER
AS168X
Conversion table Ampere rating – Horsepower rating / Umrechnungstabelle Ampère – Horsepower
HORSEPOWER
(FLA & LRC RATINGS APPLY WHERE NO HP RATING IS GIVEN)
NOMINAL CIRCUIT VOLTAGE, Vac
AS168X-CB
MOTOR NAMEPLATE
110-
120
200
208
220-
240
265
277
380-
415
440-
480
Rated Current
(See Note #1)
FLA
Rating
Starting/
LRC Rating
1
pole
2 pole
0.5A
0.5A
3
°
1A
1A
6
°
1/10
1.5A
1.5A
9
°
1/10
1/10
1/10
1/6
2A
2A
12A
1/8
1/6
1/6
1/4
3A
3A
18A
1/10
1/6
1/6
1/4
1/4
1/3
1/3
1/2
4A
4A
24A
1/8
1/4
1/3
1/3
1/3
1/3
1/2
1
5A
5A
30A
1/6
1/3
1/3
1/2
1/2
1/2
3/4
1 1/2
6A
6A
36A
1/4
1/2
1/2
1/2
3/4
3/4
1
2
7A
7A
42A
1/4
1/2
1/2
3/4
1
1
1 1/2
2
8A
8A
48A
1/3
3/4
3/4
1
1
1
2
2
9A
9A
54A
1/3
3/4
1
1
1 _
1 1/2
2
3
10A
10A
60A
1/2
1
1
1 1/2
1 1/2
2
2
3
12A
12A
72A
1/2
1 1/2
1 1/2
2
2
2
3
3
13A
13A
78A
1/2
1 1/2
1 1/2
2
2
2
3
3
15A
15A
90A
3/4
2
2
2
3
3
3
5
16A
16A
96A
1
2
2
2
3
3
3
5
18A
18A
108A
1
2
2
3
3
3
5
5
20A
20A
120A
1 1/2
3
3
3
3
3
5
5
23A
23A
138A
1 1/2
3
3
3
3
3
5
7 1/2
25A
25A
150A
2
3
3
3
5
5
5
7 1/2
27A
27A
162A
2
3
3
3
5
5
7 1/2
10
30A
30A
180A
2
3
3
5
5
5
7 1/2
10
HORSEPOWER
(FLA & LRC RATINGS APPLY WHERE NO HP RATING IS GIVEN)
AS168X-CB
MOTOR
NAMEPLATE
NOMINAL CIRCUIT VOLTAGE, VAC
110-120
200
208
220-240
380-415
440-480
Rated Current
(See Note #1)
FLA
Rating
Starting/
LRC Rating
3 pole
0.5A
0.5A
1A
1A
1.5A
1.5A
10A
1/2
1/2
2A
2A
12.5A
3/4
3/4
3A
3A
20A
1/2
1/2
1/2
1
1 1/2
4A
4A
25A
3/4
3/4
3/4
1 1/2
2
5A
5A
32A
1/2
1
1
1
2
3
6A
6A
32A
1/2
1
1
1 1/2
2
3
7A
7A
32A
3/4
1 1/2
1 1/2
2
3
3
8A
8A
46A
3/4
2
2
2
3
5
9A
9A
46A
1
2
2
2
3
5
10A
10A
46A
1
2
2
3
5
5
12A
12A
63.5A
1 1/2
3
3
3
5
7 1/2
13A
13A
63.5A
1 1/2
3
3
3
5
7 1/2
15A
15A
81A
2
3
3
3
7 1/2
10
16A
16A
81A
2
3
3
5
7 1/2
10
18A
18A
81A
2
5
5
5
10
10
20A
20A
81A
3
5
5
5
10
10
23A
23A
116A
3
5
5
7 1/2
10
15
25A
25A
116A
3
5
7 1/2
7 1/2
10
15
27A
27A
145A
3
7 1/2
7 1/2
7 1/2
15
20
30A
30A
145A
3
7 1/2
7 1/2
10
15
20
HP-Rating: 1 phase (1 pole & 2 pole):
Note #1: For AC motor circuit nameplate FLA loads, AC general-use loads, AC resistance loads
Voltage Rating:
One pole:
AC 277 V, 1 phase
Two pole:
AC 480Y/277 V, 1 phase
Three pole:
AC 480Y/277 V, 3 phase
HP-Rating: 3 phase (3 pole):


Similar Part No. - AS168X-CB4F005N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168X-CB4F005N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
   UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com