Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2781AF-08ST Datasheet(PDF) 6 Page - ON Semiconductor

Part # I2781AF-08ST
Description  General Purpose EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2781AF-08ST Datasheet(HTML) 6 Page - ON Semiconductor

  I2781AF-08ST Datasheet HTML 1Page - ON Semiconductor I2781AF-08ST Datasheet HTML 2Page - ON Semiconductor I2781AF-08ST Datasheet HTML 3Page - ON Semiconductor I2781AF-08ST Datasheet HTML 4Page - ON Semiconductor I2781AF-08ST Datasheet HTML 5Page - ON Semiconductor I2781AF-08ST Datasheet HTML 6Page - ON Semiconductor I2781AF-08ST Datasheet HTML 7Page - ON Semiconductor I2781AF-08ST Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
P2781/82/84
Rev. 2 | Page 6 of 8 | www.onsemi.com
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency: P278xA
3
78
MHz
fOUT
Output frequency:
P2781A
3
78
P2782A
6
156
P2784A
12
312
tLH
P278xA
Output rise time (measured at 0.8V to 2.0V,
25pF scope probe loading)
1
nS
tHL
P278xA
Output fall time (measured at 2.0V to 0.8V, 25
pF scope probe loading)
1
nS
tJC
P2781A
Jitter (cycle-to-cycle, ±6sigma, 1000 sweeps,
±0.5% spread, I/O frequency = 16MHz)
±250
pS
tD
P2781A
Output duty cycle deviation (error from 50%
duty cycle, 25pF scope probe loading)
±1 @ 3MHz
±2 @ 82MHz
%
∆F
P278xA
Frequency deviation tolerance from BW%
stated in the Loop Filter Selection Table
-20
0
+20
%


Similar Part No. - I2781AF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
I2781AF-08ST ALSC-I2781AF-08ST Datasheet
169Kb / 11P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
I2781AF-08ST PULSECORE-I2781AF-08ST Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
More results

Similar Description - I2781AF-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2781 ALSC-P2781 Datasheet
169Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com