Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZ9F9V1T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NZ9F9V1T5G
Description  Zener Voltage Regulators 200 mW SOD??23 Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZ9F9V1T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NZ9F9V1T5G Datasheet HTML 1Page - ON Semiconductor NZ9F9V1T5G Datasheet HTML 2Page - ON Semiconductor NZ9F9V1T5G Datasheet HTML 3Page - ON Semiconductor NZ9F9V1T5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NZ9F2V4T5G SERIES
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device
Device
Marking
Zener Voltage (Note
1)
Zener Impedance
Leakage Current
QVZ
(mV/k) @ IZT
C
@ VR = 0
f = 1 MHz
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
Min
Max
mA
W
W
mA
mA
Volts
Min
Max
pF
NZ9F2V4T5G
J
2.28
2.52
5
100
1000
1
50
1
−3.5
0
210
NZ9F2V7T5G
E**
2.57
2.84
5
100
1000
1
20
1
−3.5
0
210
NZ9F3V0T5G
T**
2.85
3.15
5
100
1000
1
10
1
−3.5
0
210
NZ9F3V3T5G
Q
3.14
3.47
5
100
1000
1
10
1
−3.5
0
210
NZ9F3V6T5G
3**
3.42
3.78
5
100
1000
1
10
1
−3.5
0
210
NZ9F3V9T5G
V**
3.71
4.10
5
100
1000
1
5
1
−3.5
−2.5
210
NZ9F4V3T5G
Y**
4.09
4.52
5
100
1000
1
5
1
−3.5
0
210
NZ9F4V7T5G
3
4.47
4.94
5
100
800
0.5
2
1
−3.5
0.2
150
NZ9F5V1T5G
4
4.85
5.36
5
80
500
0.5
2
1.5
−2.7
1.2
130
NZ9F5V6T5G
5
5.32
5.88
5
60
200
0.5
1
2.5
−2.0
2.5
115
NZ9F6V2T5G
6
5.89
6.51
5
60
100
0.5
1
3
0.4
3.7
110
NZ9F6V8T5G
A*
6.46
7.14
5
40
60
0.5
0.5
3.5
1.2
4.5
105
NZ9F7V5T5G
D*
7.13
7.88
5
30
60
0.5
0.5
4
2.5
5.3
100
NZ9F8V2T5G
E*
7.79
8.61
5
30
60
0.5
0.5
5
3.2
6.2
90
NZ9F9V1T5G
F*
8.65
9.56
5
30
60
0.5
0.5
6
3.8
7
80
NZ9F10VT5G
J*
9.50
10.50
5
30
60
0.5
0.1
7
4.5
8
80
NZ9F11VT5G
K*
10.45 11.55
5
30
60
0.5
0.1
8
5.4
9
80
NZ9F12VT5G
L*
11.40 12.60
5
30
80
0.5
0.1
9
6
10
80
NZ9F13VT5G
P*
12.35 13.65
5
37
80
0.5
0.1
10
7
11
75
NZ9F15VT5G
Q*
14.25 15.75
5
42
80
0.5
0.1
11
9.2
13
70
NZ9F16VT5G
R*
15.20 16.80
5
50
80
0.5
0.1
12
10.4
14
65
NZ9F18VT5G
T*
17.10 18.90
5
50
80
0.5
0.1
14
12.4
16
60
NZ9F20VT5G
V*
19.00 21.00
5
55
100
0.5
0.1
15.4
14.4
18
55
NZ9F22VT5G
Y*
20.90 23.10
5
55
100
0.5
0.1
16.8
15.4
20
55
NZ9F24VT5G
F
22.80 25.20
5
70
120
0.5
0.1
18.9
16.8
22
50
*Rotated 90°.
**Rotated 270°.
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.


Similar Part No. - NZ9F9V1T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZ9F9V1T5G ONSEMI-NZ9F9V1T5G Datasheet
59Kb / 4P
   Zener Voltage Regulators
November, 2016 ??Rev. 4
More results

Similar Description - NZ9F9V1T5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com