Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSF-18-0001 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DSF-18-0001
Description  Storage Choke, flat design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DSF-18-0001 Datasheet(HTML) 1 Page - Schurter Inc.

  DSF-18-0001 Datasheet HTML 1Page - Schurter Inc. DSF-18-0001 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Suppression Chokes
DSF
www.schurter.com/pg8_82
EMC Products
Storage Choke, flat design
Description
-Storagechoke
-THT-terminals
-Inductorhorizontallypositionedinhousing
-ConstantinductanceathighalternatingfieldmodulationandlargeDC
magnetization
-Reducedmagneticreversal
-SMDversiononrequest
Standards
-EN60938
Applications
-Storageofenergyinswitchedpowersupplies
-Switch-mode
-Chopperamplifiers
-DCdrivesandsteppermotorcontrols
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
Ratedvoltage
upto600VDC
RatedCurrent
0.4-6.3A@Ta70°C
Ratedinductance
0.011-3.7mH,Tol.±15%
PowerOperatingFrequency
upto1MHz
Terminaltechnic
THT
Weight
7-18g
Material:Housing
UL94V-0
SealingCompound
UL94V-0
IsolationVoltage
2kVeff.,windingtoambient
ClimaticCategory
40/125/21acc.toIEC60068-1
AllowableOperationTemp.
-40°Cto125°C
Dimensions
Case 04-1
2.2
10±0.2
3.5
0
-0.5
17.8 max.
2
1
4
3
12.4±0.2
Case 15-1
2.0
15±0.2
3.5
0
-0.5
27.4 max.
2
1
4
3
16.5±0.2


Similar Part No. - DSF-18-0001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DSF-18-0002 SCHURTER-DSF-18-0002 Datasheet
246Kb / 3P
   Storage Choke, flat design
DSF-18-0003 SCHURTER-DSF-18-0003 Datasheet
246Kb / 3P
   Storage Choke, flat design
DSF-18-0005 SCHURTER-DSF-18-0005 Datasheet
246Kb / 3P
   Storage Choke, flat design
DSF-18-0006 SCHURTER-DSF-18-0006 Datasheet
246Kb / 3P
   Storage Choke, flat design
More results

Similar Description - DSF-18-0001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DSF SCHURTER-DSF_17 Datasheet
246Kb / 3P
   Storage Choke, flat design
DSF SCHURTER-DSF_V01 Datasheet
257Kb / 3P
   Storage Choke, flat design
DSH SCHURTER-DSH_17 Datasheet
310Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH Datasheet
449Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH_18 Datasheet
320Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH_V01 Datasheet
321Kb / 3P
   Storage Choke, high design
04.01.2022
DLF SCHURTER-DLF Datasheet
383Kb / 2P
   Linear Choke, flat design
DLF SCHURTER-DLF_17 Datasheet
246Kb / 3P
   Linear Choke, flat design
DLF SCHURTER-DLF_V01 Datasheet
257Kb / 3P
   Linear Choke, flat design
04.01.2022
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com