Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLO1-24-0004 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DLO1-24-0004
Description  Linear Choke, open version, without socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLO1-24-0004 Datasheet(HTML) 1 Page - Schurter Inc.

  DLO1-24-0004 Datasheet HTML 1Page - Schurter Inc. DLO1-24-0004 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Suppression Chokes
DLO
www.schurter.com/pg8_82
EMC Products
Linear Choke, open version, without socket
Description
-Linearchoke
-Wireleads
-Openversionwithoutsocketandchassis
Standards
-EN60938
Applications
-SmoothingRFIsuppressionchoke
-RFIsuppressionchoke
-Chopperamplifiers
-DCdrivesandsteppermotorcontrols
-Switchingpowersupplies
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
Ratedvoltage
to600VDC
RatedCurrent
0.45-7A@Ta70°C
Ratedinductance
0.02-5mH,Tol.±15%
PowerOperatingFrequency
upto20kHz
Terminaltechnic
Wireleads
Weight
10-12g
IsolationVoltage
2kVeff.,windingtoambient
ClimaticCategory
40/125/21acc.toIEC60068-1
AllowableOperationTemp.
-40°Cto125°C
Dimensions
Ø d
a
c
Dimensions: see table of variants


Similar Part No. - DLO1-24-0004

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO1-24-0004 SCHURTER-DLO1-24-0004 Datasheet
288Kb / 3P
   Linear Choke, open version, without socket
DLO1-24-0004 SCHURTER-DLO1-24-0004 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO1-24-0004 SCHURTER-DLO1-24-0004 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
More results

Similar Description - DLO1-24-0004

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO SCHURTER-DLO_18 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO_V01 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
DLO SCHURTER-DLO_17 Datasheet
288Kb / 3P
   Linear Choke, open version, without socket
DSO SCHURTER-DSO_V01 Datasheet
297Kb / 3P
   Storage Choke, open version, without socket
DSO SCHURTER-DSO_17 Datasheet
285Kb / 3P
   Storage Choke, open version, without socket
DSO SCHURTER-DSO Datasheet
447Kb / 2P
   Storage Choke, open version, without socket
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DLNP SCHURTER-DLNP_17 Datasheet
208Kb / 2P
   Linear Choke, compact
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
   Linear Choke, compact
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com