Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3883 Datasheet(PDF) 6 Page - EPCOS

Part # B3883
Description  Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3883 Datasheet(HTML) 6 Page - EPCOS

  B3883 Datasheet HTML 1Page - EPCOS B3883 Datasheet HTML 2Page - EPCOS B3883 Datasheet HTML 3Page - EPCOS B3883 Datasheet HTML 4Page - EPCOS B3883 Datasheet HTML 5Page - EPCOS B3883 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Jun 25, 2004
SAW Components
B3883
168,96 MHz
Low-Loss Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC PD
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B3883

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3881 EPCOS-B3881 Datasheet
73Kb / 7P
   SAW Components Low-Loss Filter 168,96 MHz
B3882 EPCOS-B3882 Datasheet
72Kb / 6P
   Low-Loss Filter
B3884 EPCOS-B3884 Datasheet
67Kb / 6P
   SAW Components Low-Loss Filter 439,25 MHz
B3886 EPCOS-B3886 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter 121,00 MHz
More results

Similar Description - B3883

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
   Low Loss Filter
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
   LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
   Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
   Low Loss Filter
B9016 EPCOS-B9016 Datasheet
64Kb / 5P
   Low-Loss Filter
logo
List of Unclassifed Man...
B3844 ETC1-B3844 Datasheet
61Kb / 5P
   LOW-LOSS FILTER
B7745 ETC1-B7745 Datasheet
54Kb / 7P
   Low-Loss Filter
logo
EPCOS
B39710B3625U210 EPCOS-B39710B3625U210 Datasheet
68Kb / 6P
   Low-Loss Filter
Apr 04, 2001
B3655 EPCOS-B3655 Datasheet
72Kb / 6P
   Low-Loss Filter
B3691 EPCOS-B3691 Datasheet
63Kb / 7P
   Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com