Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC12 Datasheet(PDF) 1 Page - Schurter Inc.

Part # EC12
Description  IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

EC12 Datasheet(HTML) 1 Page - Schurter Inc.

  EC12 Datasheet HTML 1Page - Schurter Inc. EC12 Datasheet HTML 2Page - Schurter Inc. EC12 Datasheet HTML 3Page - Schurter Inc. EC12 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power Entry Modules with Line Filter
EC2
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
Standard- or Medical-Filter
C20
70° C
Description
-PanelMount:
Screw-onmountingfromfrontside
-3Functions:
ApplianceInletProtectionclassI,LineSwitch2-pole,Linefilterinstan-
dardandmedicalversion
-Quickconnectterminals6.3x0.8mm
-Alternative:versionwithoutlinefilterEC11
Approvals
-VDELicenseNumber:40001522
-ULLicenseNumber:E72928
Characteristics
-Allsingleelementsarealreadywired
-Lineswitchnon-illuminated
Illuminatedversiononrequest
-WithEMC-shield
-Idealforapplicationwithhightransientloads
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Lineswitch,illuminated
-Lineswitchwithotherrockermarking
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
12-16A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
12-20A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C20acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,16A,
ProtectionClass1
LineSwitch
Rockerswitch2-pole,non-illuminated,
acc.toIEC61058-1
Technicaldetails
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>1'700'000hacc.toMIL-HB-217F


Similar Part No. - EC12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
logo
Schurter Inc.
EC12 SCHURTER-EC12 Datasheet
346Kb / 2P
   US Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
366Kb / 2P
   EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
364Kb / 2P
   IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
344Kb / 2P
   UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - EC12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFB2 SCHURTER-KFB2 Datasheet
702Kb / 4P
   IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
KFB2 SCHURTER-KFB2_17 Datasheet
533Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
KFB2 SCHURTER-KFB2_V01 Datasheet
551Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
04.01.2022
KEB2 SCHURTER-KEB2_17 Datasheet
404Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21_18 Datasheet
425Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 2-pole
KEB2 SCHURTER-KEB2_18 Datasheet
415Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21_17 Datasheet
415Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 2-pole
KEB2 SCHURTER-KEB2 Datasheet
399Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole
DC21 SCHURTER-DC21_V01 Datasheet
428Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 2-pole
08.12.2021
KEB2 SCHURTER-KEB2_V01 Datasheet
423Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 2-pole
08.12.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com