Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11.0021.001 Datasheet(PDF) 1 Page - Schurter Inc.

Part # EC11.0021.001
Description  IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

EC11.0021.001 Datasheet(HTML) 1 Page - Schurter Inc.

  EC11.0021.001 Datasheet HTML 1Page - Schurter Inc. EC11.0021.001 Datasheet HTML 2Page - Schurter Inc. EC11.0021.001 Datasheet HTML 3Page - Schurter Inc. EC11.0021.001 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power entry modules without line filter
EC
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
Snap-In Version or Screw-On Version
illuminated version
C20
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,snap-inversionfromfront
side
-2Functions:
ApplianceInletProtectionclassI,LineSwitch2-pole
-Quickconnectterminals6.3x0.8mm
-Alternative:versionwithlinefilterEC12
Approvals
-VDELicenseNumber:40001031
-ULLicenseNumber:E96454
Characteristics
-Allsingleelementsarealreadywired
Unwiredversionsavailableonrequest
-Lineswitchnon-illuminatedorilluminated
-Idealforapplicationwithhightransientloads
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Unwiredversions
-Lineswitchwithotherrockermarking
-ForprotectionclassII
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
16A/250VAC;50Hz
RatingsUL/CSA
20A/250VAC;60Hz
DielectricStrength
>2.5kVACbetweenL-N
>3kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Snap-in:1.5/2/2.5mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C20acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,16A,
ProtectionClass1
LineSwitch
Rockerswitch2-pole,non-illuminated
orilluminated,acc.toIEC61058-1
Technicaldetails


Similar Part No. - EC11.0021.001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
EC11.0001.301 SCHURTER-EC11.0001.301 Datasheet
488Kb / 6P
   IEC Appliance Inlet C20 with Line Switch, 2-pole
08.12.2021
EC11.0031.201 SCHURTER-EC11.0031.201 Datasheet
488Kb / 6P
   IEC Appliance Inlet C20 with Line Switch, 2-pole
08.12.2021
EC11.0031.201.21 SCHURTER-EC11.0031.201.21 Datasheet
488Kb / 6P
   IEC Appliance Inlet C20 with Line Switch, 2-pole
08.12.2021
EC11.0031.202 SCHURTER-EC11.0031.202 Datasheet
488Kb / 6P
   IEC Appliance Inlet C20 with Line Switch, 2-pole
08.12.2021
More results

Similar Description - EC11.0021.001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
EC11 SCHURTER-EC11_V01 Datasheet
488Kb / 6P
   IEC Appliance Inlet C20 with Line Switch, 2-pole
08.12.2021
EC11 SCHURTER-EC11_18 Datasheet
434Kb / 5P
   IEC Appliance Inlet C20 with Line Switch, 2-pole
EC12 SCHURTER-EC12_V01 Datasheet
526Kb / 5P
   IEC Appliance Inlet C20 with Filter, Line Switch 2-pole
12.04.2021
EC12 SCHURTER-EC12_17 Datasheet
506Kb / 5P
   IEC Appliance Inlet C20 with Filter, Line Switch 2-pole
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11 Datasheet
564Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
2565-K SCHURTER-2565-K_17 Datasheet
206Kb / 3P
   IEC Appliance Inlet C6 with Line Switch 1- or 2-pole
6010-K SCHURTER-6010-K Datasheet
429Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com