Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAF Datasheet(PDF) 1 Page - Schurter Inc.

Part # FAF
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot, vertical, IP 40 / IP 54
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAF Datasheet(HTML) 1 Page - Schurter Inc.

  FAF Datasheet HTML 1Page - Schurter Inc. FAF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FAF
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Slot, vertical, IP 40 / IP 54
Variant 2
250 VAC · 2W/6.3A (VDE)12A (UL)
Description
-Verticalstyle
-IP40oderIP54fromfrontside
Standards
-IEC60127-6
-UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:129370
-ULFileNumber:E39328
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderTHT
RatedVoltage
250VAC
RatedCurrent
6.3A(VDE),12A(UL)
RatedPowerAcceptanceIEC 2W/6.3A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP40/IP54
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,black,UL94V-0
Material:Cap
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
5.03g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,Current,Approvals
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method1A
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
Abmessungen
38.4mm
6.5
1.05
10
max. 12.5
Variant 0031.3701 and 0031.3703
1.05
10
max. 12.5
2.4
1
ø
0
-0.15
FAF
Variant 2 0031.3751 and 0031.3753


Similar Part No. - FAF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAF SCHURTER-FAF Datasheet
270Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FAF SCHURTER-FAF Datasheet
272Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
04.01.2022
FAF SCHURTER-FAF_18 Datasheet
270Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FAF SCHURTER-FAF_V02 Datasheet
272Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
04.01.2022
More results

Similar Description - FAF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEF SCHURTER-FEF Datasheet
416Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FAF SCHURTER-FAF_18 Datasheet
270Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FAF SCHURTER-FAF_V02 Datasheet
272Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
04.01.2022
FIO SCHURTER-FIO Datasheet
398Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 40 / IP 65
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
FEF SCHURTER-FEF_18 Datasheet
266Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
FIZ SCHURTER-FIZ Datasheet
422Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, 4 W / 16 A, IP 40 / IP 67
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com