Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACVGA200QR Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACVGA200QR
Description  VGA Port Companion Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACVGA200QR Datasheet(HTML) 3 Page - ON Semiconductor

  PACVGA200QR Datasheet HTML 1Page - ON Semiconductor PACVGA200QR Datasheet HTML 2Page - ON Semiconductor PACVGA200QR Datasheet HTML 3Page - ON Semiconductor PACVGA200QR Datasheet HTML 4Page - ON Semiconductor PACVGA200QR Datasheet HTML 5Page - ON Semiconductor PACVGA200QR Datasheet HTML 6Page - ON Semiconductor PACVGA200QR Datasheet HTML 7Page - ON Semiconductor PACVGA200QR Datasheet HTML 8Page - ON Semiconductor PACVGA200QR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PACVGA200
Rev. 2 | Page 3 of 10 | www.onsemi.com
Ordering Information
PART NUMBERING INFORMATION
Lead-free Finish
Pins
Package
Ordering Part Number
1
Part Marking
24
QSOP-24
PACVGA200QR
PACVGA200QR
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
LEAD(s)
NAME
DESCRIPTION
1
V
CC4
Positive voltage supply pin. This is an isolated V
CC pin for the SYNC_1, SYNC_2, SD1
and SD2 circuits.
2
V
CC1
Positive voltage supply pin. This is an isolated V
CC pin for the VIDEO_1, VIDEO_2 and
VIDEO_3 ESD circuits.
3-5
VIDEO_1, VIDEO_2,
VIDEO_3
RGB Video Protection Channels. These pins tie to the RGB video lines (for example,
the Blue signal) between the VGA controller device and the video connector.
6
GNDD
Digital Ground reference supply pin.
7
GNDA
Ground reference supply pin for TERM_1, TERM_2 and TERM_3 pins.
8-10
TERM_1, TERM_2,
TERM_3
RGB Video Termination Channels. These pins tie to the RGB video lines (for example,
the Blue signal) providing a 75
Ω termination to GNDA for the given video channel.
11
PWR_UP
Sync Signal Output 1. Ties to the video connector side of one of the sync lines (for
example the Horizontal Sync signal).
12
V
CC2
Positive voltage supply pin. This is an isolated V
CC pin for the DDC_IN1 and DDC_IN2
input circuits. Defines the logic one level for the DDC_OUTn outputs.
13
V_BIAS
Used to derive V
CC3 from VCC4 input.
14
V
CC3
Positive voltage supply pin. This is an isolated V
CC pin for the DDC_OUT1 and
DDC_OUT2 ESD protection circuits.
15
DDC_OUT1
DDC Signal Output 1. Connects to the connector side of one of the DDC signals (for
example, the bidirectional DDC_Data serial line).
16
DDC_IN1
DDC Signal Input 1. Connects to the VGA Controller side of one of the DDC signals
(for example, the bidirectional DDC_Data serial line).
17
DDC_IN2
DDC Signal Input 2. Connects to the VGA Controller side of one of the DDC signals
(for example, the bidirectional DDC_Clk).


Similar Part No. - PACVGA200QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA200QR ONSEMI-PACVGA200QR Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results

Similar Description - PACVGA200QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com