Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS1P2192A Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCS1P2192A
Description  VDP Multiple Pixel Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS1P2192A Datasheet(HTML) 4 Page - ON Semiconductor

  PCS1P2192A Datasheet HTML 1Page - ON Semiconductor PCS1P2192A Datasheet HTML 2Page - ON Semiconductor PCS1P2192A Datasheet HTML 3Page - ON Semiconductor PCS1P2192A Datasheet HTML 4Page - ON Semiconductor PCS1P2192A Datasheet HTML 5Page - ON Semiconductor PCS1P2192A Datasheet HTML 6Page - ON Semiconductor PCS1P2192A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PCS1P2192A
Rev. 2 | Page 4 of 7 | www.onsemi.com
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
20
MHz
fOUT
Output frequency
108, 27,
33.2, 85, 65,
25, 45, 40
MHz
tLH
1
Output rise time (Measured from 20% to 80%)
1.2
2.5
nS
tHL
1
Output fall time (Measured from 80% to 20%)
0.8
1.6
nS
tJC
Period Jitter
±150
pS
Frequency Synthesis Error (All Outputs)
0
ppm
tD
Output duty cycle
40
50
60
%
Note: 1. Measured with a capacitive load of 15pF.


Similar Part No. - PCS1P2192A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS1P2192A PULSECORE-PCS1P2192A Datasheet
143Kb / 8P
   VDP Multiple Pixel Clock Generator
PCS1P2192AG-08SR PULSECORE-PCS1P2192AG-08SR Datasheet
143Kb / 8P
   VDP Multiple Pixel Clock Generator
PCS1P2192AG-08ST PULSECORE-PCS1P2192AG-08ST Datasheet
143Kb / 8P
   VDP Multiple Pixel Clock Generator
More results

Similar Description - PCS1P2192A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS1P2192A PULSECORE-PCS1P2192A Datasheet
143Kb / 8P
   VDP Multiple Pixel Clock Generator
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
   PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
   Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Integrated Circuit Syst...
ICS1574B ICST-ICS1574B Datasheet
187Kb / 12P
   User Programmable Laser Engine Pixel Clock Generator
logo
Renesas Technology Corp
ICS1574B RENESAS-ICS1574B Datasheet
577Kb / 13P
   User Programmable Laser Engine Pixel Clock Generator
2019
logo
Maxim Integrated Produc...
MAX9492 MAXIM-MAX9492 Datasheet
269Kb / 11P
   Multiple-Output Clock Generator with Spread Spectrum
Rev 0; 5/05
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com