Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P6200A Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCS3P6200A
Description  Spread Spectrum EMI Reduction IC for HD Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P6200A Datasheet(HTML) 3 Page - ON Semiconductor

  PCS3P6200A Datasheet HTML 1Page - ON Semiconductor PCS3P6200A Datasheet HTML 2Page - ON Semiconductor PCS3P6200A Datasheet HTML 3Page - ON Semiconductor PCS3P6200A Datasheet HTML 4Page - ON Semiconductor PCS3P6200A Datasheet HTML 5Page - ON Semiconductor PCS3P6200A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCS3P6200A
Rev. 1 | Page 3 of 6 | www.onsemi.com
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions for 2.5V and 3.3V Supply Voltage
Parameter
Description
Min
Max
Unit
VDD(2.5)
Supply Voltage
2.375
2.625
V
VDD(3.3)
3.0
3.6
TA
Operating Temperature
-40
+85
°C
CL
Load Capacitance
15
pF
DC Electrical Characteristics for 2.5V Supply
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
0.7
V
VIH
Input high voltage
1.7
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VOL
Output low voltage (VDD = 2.5V, IOL = 8 mA)
0.6
V
VOH
Output high voltage (VDD = 2.5V, IOH = -8 mA)
1.8
V
IDD
Static supply current
1
4
mA
ICC
Dynamic supply current, Unloaded Output
9
11
mA
VDD
Operating voltage
2.375
2.5
2.625
V
tON
Power-up time (first locked cycle after power-up)
3
mS
CIN
Input Capacitance
5
pF
ZOUT
Output Impedance
40
Note: 1. CLKIN pin is pulled low.


Similar Part No. - PCS3P6200A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P6200A PULSECORE-PCS3P6200A Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
PCS3P6200AG-06JR PULSECORE-PCS3P6200AG-06JR Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
More results

Similar Description - PCS3P6200A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N6200C ONSEMI-NB3N6200C Datasheet
69Kb / 5P
   Spread Spectrum EMI Reduction IC for HD Display
January, 2015 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P6200A PULSECORE-PCS3P6200A Datasheet
282Kb / 7P
   Spread Spectrum EMI reduction IC for HD Display
logo
ON Semiconductor
PCS3P6100A ONSEMI-PCS3P6100A Datasheet
278Kb / 8P
   Spread Spectrum EMI reduction IC for HD Display
MARCH 2010 ??Rev. 1
P3P816711A ONSEMI-P3P816711A Datasheet
99Kb / 4P
   Spread Spectrum Peak EMI Reduction Device
August, 2011 ??Rev. 0
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Asahi Kasei Microsystem...
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
   EMI countermeasure for spread spectrum IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com