Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P7303AG-08TT Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCS3P7303AG-08TT
Description  General Purpose Peak EMI Reduction IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P7303AG-08TT Datasheet(HTML) 5 Page - ON Semiconductor

  PCS3P7303AG-08TT Datasheet HTML 1Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 2Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 3Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 4Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 5Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 6Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 7Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 8Page - ON Semiconductor PCS3P7303AG-08TT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PCS3P7303A
Rev. 2 | Page 5 of 10 | www.onsemi.com
Switching Characteristics for 3.3V
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Frequency
1 / ModOUT
FS=0
10
40
MHz
FS=1
30
80
Duty Cycle
2, 3
Measured at VDD /2
45
50
55
%
Output Rise Time
2, 3
Measured between 20% to 80%
1.3
2
nS
Output Fall Time
2, 3
Measured between 80% to 20%
0.9
1.3
nS
Cycle-to-Cycle Jitter
3
Unloaded output
FS=0
10MHz
±450
±600
pS
40MHz
±125
±250
FS=1
30MHz
±225
±350
80MHz
±125
±250
PLL Lock Time
3
Stable power supply, valid clock presented on
XIN / CLKIN
3
mS
Notes:
1. Functionality with Crystal is guaranteed by design and characterization. Not 100% tested in production.
2. All parameters are specified with10pF loaded outputs.
3. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
25MHz
Frequency tolerance
±50ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance(CP)
18pF
Shunt capacitance
7pF maximum
ESR
25
Note: CL is the Load Capacitance and R1 is used to prevent oscillations at overtone frequency of the Fundamental frequency.
Typical Crystal Interface Circuit
CL = 2*(CP – CS),
Where CP = Load capacitance of crystal from crystal vendor datasheet.
CS = Stray capacitance due to CIN, PCB, Trace, etc.
XOUT
XIN / CLKIN
PCS3P7303A
R1
CL
CL
Crystal
R


Similar Part No. - PCS3P7303AG-08TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P7303AG-08TT ONSEMI-PCS3P7303AG-08TT Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303AG-08TT ONSEMI-PCS3P7303AG-08TT Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results

Similar Description - PCS3P7303AG-08TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
P3I2005A ONSEMI-P3I2005A Datasheet
117Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com