Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P25814 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCS3P25814
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P25814 Datasheet(HTML) 2 Page - ON Semiconductor

  PCS3P25814 Datasheet HTML 1Page - ON Semiconductor PCS3P25814 Datasheet HTML 2Page - ON Semiconductor PCS3P25814 Datasheet HTML 3Page - ON Semiconductor PCS3P25814 Datasheet HTML 4Page - ON Semiconductor PCS3P25814 Datasheet HTML 5Page - ON Semiconductor PCS3P25814 Datasheet HTML 6Page - ON Semiconductor PCS3P25814 Datasheet HTML 7Page - ON Semiconductor PCS3P25814 Datasheet HTML 8Page - ON Semiconductor PCS3P25814 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PCS3P25811 and PCS3P25812 and PCS3P25814
Rev. 1 | Page 2 of 9 | www.onsemi.com
Block Diagram
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or External Clock input.
2
VSS
P
Ground to entire chip.
3
S1
I
Digital 3 level logic input (1-M-0) used to select Center, Down and No spread
options. (Refer to Frequency Deviation Selection Table). Default=M.
4
S0
I
Digital 3 level logic input (1-M-0) used to select Center, Down and No spread
options. (Refer to Frequency Deviation Selection Table). Default=M.
5
ModOUT
O
Spread Spectrum Clock Output.
6
FSEL
I
Frequency range select. Digital 3 level logic input (1-M-0) used to select Input
Clock frequency range (Refer to Input/Output Frequency Range Selection Table).
Default=M.
7
VDD
P
Power supply for the entire chip (2.8V to 3.6V).
8
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
ModOUT
1
2
3
4
5
6
7
8
FSEL
XOUT
XIN / CLKIN
VSS
S1
S0
VDD
PCS3P25811
PCS3P25812
PCS3P25814
XIN / CLKIN
VSS
Crystal
Oscillator
Frequency
Divider
Feedback
Divide
r
Input Decoder
& Modulation
control
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
XOUT
VDD
FSEL S1
S0


Similar Part No. - PCS3P25814

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P25814 ONSEMI-PCS3P25814 Datasheet
384Kb / 9P
   Spread Spectrum Clock Generator
NOVEMBER 2010 ??Rev. 1.1
More results

Similar Description - PCS3P25814

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com