Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN2907A Datasheet(PDF) 5 Page - ON Semiconductor

Part # PN2907A
Description  General Purpose Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PN2907A Datasheet(HTML) 5 Page - ON Semiconductor

  PN2907A Datasheet HTML 1Page - ON Semiconductor PN2907A Datasheet HTML 2Page - ON Semiconductor PN2907A Datasheet HTML 3Page - ON Semiconductor PN2907A Datasheet HTML 4Page - ON Semiconductor PN2907A Datasheet HTML 5Page - ON Semiconductor PN2907A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PN2907A
http://onsemi.com
5
TYPICAL SMALL-SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = 10 Vdc, TA = 25°C
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
10
0.01
Figure 8. Source Resistance Effects
Rs, SOURCE RESISTANCE (OHMS)
f = 1.0 kHz
IC = -50 mA
-100
mA
-500
mA
-1.0 mA
Rs = OPTIMUM SOURCE RESISTANCE
8.0
6.0
4.0
2.0
0
0.02 0.05 0.1 0.2
0.5 1.0 2.0
5.0 10
20
50
100
10
8.0
6.0
4.0
2.0
0
50
100
200
500 1.0 k
2.0 k
5.0 k 10 k
20 k
50 k
IC = -1.0 mA, Rs = 430 W
-500
mA, Rs = 560 W
-50
mA, Rs = 2.7 kW
-100
mA, Rs = 1.6 kW
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
30
Figure 10. Current-Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
-0.1
2.0
Figure 11. “On” Voltage
IC, COLLECTOR CURRENT (mA)
-1.0
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = -10 V
RqVC for VCE(sat)
20
10
7.0
5.0
3.0
-0.2 -0.3 -0.5
-1.0
-2.0 -3.0
-5.0
-10
-20 -30
400
300
200
100
80
60
40
30
20
-1.0
-2.0
-5.0
-10
-20
-50
-100 -200
-500 -1000
-0.8
-0.6
-0.4
-0.2
0
-0.1 -0.2
-0.5 -1.0 -2.0
-5.0
-10 -20
-50 -100 -200
-500
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-0.1
-0.2
-0.5 -1.0 -2.0
-5.0 -10 -20
-50 -100 -200 -500
Ceb
Ccb
VCE = -20 V
TJ = 25°C
RqVB for VBE


Similar Part No. - PN2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2907A PHILIPS-PN2907A Datasheet
71Kb / 8P
   PNP switching transistor
1997 May 05
logo
Diotec Semiconductor
PN2907A DIOTEC-PN2907A Datasheet
96Kb / 2P
   Si-Epitaxial Planar Switching Transistors
logo
STMicroelectronics
PN2907A STMICROELECTRONICS-PN2907A Datasheet
61Kb / 5P
   SMALL SIGNAL PNP TRANSISTOR
logo
NXP Semiconductors
PN2907A NXP-PN2907A Datasheet
134Kb / 7P
   PNP switching transistor
2004 Oct 11
logo
Rohm
PN2907A ROHM-PN2907A Datasheet
79Kb / 4P
   PNP Medium Power Transistor (Switching)
More results

Similar Description - PN2907A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com