Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN2222ARLRA Datasheet(PDF) 2 Page - ON Semiconductor

Part # PN2222ARLRA
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PN2222ARLRA Datasheet(HTML) 2 Page - ON Semiconductor

  PN2222ARLRA Datasheet HTML 1Page - ON Semiconductor PN2222ARLRA Datasheet HTML 2Page - ON Semiconductor PN2222ARLRA Datasheet HTML 3Page - ON Semiconductor PN2222ARLRA Datasheet HTML 4Page - ON Semiconductor PN2222ARLRA Datasheet HTML 5Page - ON Semiconductor PN2222ARLRA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PN2222, PN2222A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
PN2222
(IC = 10 mAdc, IB = 0)
PN2222A
V(BR)CEO
30
40
Vdc
Collector−Base Breakdown Voltage
PN2222
(IC = 10 mAdc, IE = 0)
PN2222A
V(BR)CBO
60
75
Vdc
Emitter−Base Breakdown Voltage
PN2222
(IE = 10 mAdc, IC = 0)
PN2222A
V(BR)EBO
5.0
6.0
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
PN2222A
ICEX
10
nAdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0)
PN2222
(VCB = 60 Vdc, IE = 0)
PN2222A
(VCB = 50 Vdc, IE = 0, TA = 125°C)
PN2222
(VCB = 50 Vdc, IE = 0, TA = 125°C)
PN2222A
ICBO
0.01
0.01
10
10
mAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
PN2222A
IEBO
100
nAdc
Base Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
PN2222A
IBL
20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = −55°C)
PN2222A only
(IC = 150 mAdc, VCE = 10 Vdc) (Note 1)
(IC = 150 mAdc, VCE = 1.0 Vdc) (Note 1)
(IC = 500 mAdc, VCE = 10 Vdc) (Note 1)
PN2222
PN2222A
hFE
35
50
75
35
100
50
30
40
300
Collector−Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
PN2222
PN2222A
(IC = 500 mAdc, IB = 50 mAdc)
PN2222
PN2222A
VCE(sat)
0.4
0.3
1.6
1.0
Vdc
Base −Emitter Saturation Voltage (Note 1)
(IC = 150 mAdc, IB = 15 mAdc)
PN2222
PN2222A
(IC = 500 mAdc, IB = 50 mAdc)
PN2222
PN2222A
VBE(sat)
0.6
1.3
1.2
2.6
2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 2)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
PN2222
PN2222A
fT
250
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
PN2222
PN2222A
Cibo
30
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
PN2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
PN2222A
hie
2.0
0.25
8.0
1.25
kW
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
PN2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
PN2222A
hre
8.0
4.0
X 10−4
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
PN2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
PN2222A
hfe
50
75
300
375
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.


Similar Part No. - PN2222ARLRA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2222A PHILIPS-PN2222A Datasheet
45Kb / 8P
   NPN switching transistor
1999 May 21
logo
Fairchild Semiconductor
PN2222A FAIRCHILD-PN2222A Datasheet
212Kb / 8P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
PN2222A UTC-PN2222A Datasheet
241Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
logo
STMicroelectronics
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
AUK corp
PN2222A AUK-PN2222A Datasheet
65Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - PN2222ARLRA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com