Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109MARLRFG Datasheet(PDF) 6 Page - ON Semiconductor

Part # Z0109MARLRFG
Description  Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0109MARLRFG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button Z0109MARLRFG Datasheet HTML 2Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 3Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 4Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 5Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 6Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 7Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 8Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 9Page - ON Semiconductor Z0109MARLRFG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Z0103MA, Z0107MA, Z0109MA
http://onsemi.com
6
Figure 5. Transient Thermal Response
Figure 6. Maximum Allowable Surge Current
0.1
1.0
10
100
1.
0
t, TIME (ms)
0.1
0.01
1•103
1•104
3.0
30
50
1.0
2.0
100
3.0
2.0
1.0
NUMBER OF CYCLES
5.0
10
ZQJC(t) = RQJC(t) @ r(t)
10
5.0
Surge is preceded and followed by rated current.
TJ = 110°C
f = 60 Hz
CYCLE
Figure 7. Typical Gate Trigger Current versus
Junction Temperature
Figure 8. Typical Gate Trigger Voltage versus
Junction Temperature
Figure 9. Typical Latching Current versus
Junction Temperature
Figure 10. Typical Holding Current versus
Junction Temperature
100
10
1
0
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.4
TJ, JUNCTION TEMPERATURE (°C)
0.3
TJ, JUNCTION TEMPERATURE (°C)
1
TJ, JUNCTION TEMPERATURE (°C)
0.1
35
50
80
-40
-25
5
20
95
110
20
35
80
-40 -25
-10
5
95
110
10
-10
65
Q4
Q3
Q2
Q1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
50
65
Q4
Q3
Q2
Q1
100
10
1
0
35
50
80
-40
-25
5
20
95
110
-10
65
Q4
Q3
Q2
Q1
35
50
80
-40
-25
5
20
95
110
-10
65
MT2 Negative
MT2 Positive


Similar Part No. - Z0109MARLRFG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MA PHILIPS-Z0109MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
   1A TRIACS
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
   Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
Tiger Electronic Co.,Lt...
Z0109MA TGS-Z0109MA Datasheet
153Kb / 1P
   1A TRIACS
More results

Similar Description - Z0109MARLRFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com