Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4236 Datasheet(PDF) 7 Page - EPCOS

Part # B4236
Description  SAW Rx 2in1 filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 7 Page - EPCOS

Back Button B4236_1 Datasheet HTML 2Page - EPCOS B4236_1 Datasheet HTML 3Page - EPCOS B4236_1 Datasheet HTML 4Page - EPCOS B4236_1 Datasheet HTML 5Page - EPCOS B4236_1 Datasheet HTML 6Page - EPCOS B4236_1 Datasheet HTML 7Page - EPCOS B4236_1 Datasheet HTML 8Page - EPCOS B4236_1 Datasheet HTML 9Page - EPCOS B4236_1 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
July 06, 2007
B4236
769.0 / 809.5 MHz
SAW Components
SAW Rx 2in1 filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings of Filter 2
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Source power (cw)
Ps
15
dBm
source and load impedance 50


Similar Part No. - B4236_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4236 EPCOS-B4236 Datasheet
168Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
More results

Similar Description - B4236_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
   SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9802J610 TDK-B39941B9802J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
B39941B9904P810 TDK-B39941B9904P810 Datasheet
183Kb / 12P
   SAW Rx 2in1 filter
B39941B9828P810 TDK-B39941B9828P810 Datasheet
172Kb / 12P
   SAW Rx 2in1 filter
B39941B9801J610 TDK-B39941B9801J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9520P810 TDK-B39202B9520P810 Datasheet
168Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39212B9912P810 TDK-B39212B9912P810 Datasheet
190Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com