Electronic Components Datasheet Search |
|
B4236 Datasheet(PDF) 2 Page - EPCOS |
|
B4236 Datasheet(HTML) 2 Page - EPCOS |
2 / 10 page 2 July 06, 2007 B4236 769.0 / 809.5 MHz Please read cautions and warnings and important notes at the end of this document. SAW Components SAW Rx 2in1 filter Data sheet Application s Low-loss 2in1 RF filter for Trunked Radio s Device with two integrated Rx filters s Low amplitude ripple s Usable passband: Filter 1 : 31.0 MHz Filter 2 : 14.0 MHz s No matching network required for operation at 50 Ω Features s Package size 3.0 x 2.5 x 0.98 mm3 s Package code QCC8E s RoHS compatible s Approx. weight 0.008 g s Package for Surface Mount Technology (SMT) s Ni, gold-plated terminals s Electrostatic Sensitive Device (ESD) 1,0 1,0 0,5 1,0 bottom view side view top view 3,0 5 6 7 1 2 3 Pin configuration s 1 Input (filter 1) s 7 Output (filter 1) s 3 Input (filter 2) s 5 Output (filter 2) s 2,6 Ground s 4,8 Case ground |
Similar Part No. - B4236_1 |
|
Similar Description - B4236_1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |