Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4236 Datasheet(PDF) 6 Page - EPCOS

Part # B4236
Description  SAW Rx 2in1 filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 6 Page - EPCOS

Back Button B4236_1 Datasheet HTML 2Page - EPCOS B4236_1 Datasheet HTML 3Page - EPCOS B4236_1 Datasheet HTML 4Page - EPCOS B4236_1 Datasheet HTML 5Page - EPCOS B4236_1 Datasheet HTML 6Page - EPCOS B4236_1 Datasheet HTML 7Page - EPCOS B4236_1 Datasheet HTML 8Page - EPCOS B4236_1 Datasheet HTML 9Page - EPCOS B4236_1 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
July 06, 2007
B4236
769.0 / 809.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 filter
Data sheet
Characteristics of Filter 2
Temperature range for specification:
T
=
-30 .. +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@25˚C
max.
Center frequency
fC
769.0
MHz
Maximum insertion attenuation
α
max
762.0 ...
776.0 MHz
1.7
2.61)
1) 2.4 dB at 25
± 2˚C.
dB
Amplitude ripple (p-p)
∆α
762.0 ...
776.0 MHz
0.4
1.0
dB
Group delay ripple (p-p)
∆τ
762.0 ...
776.0 MHz
22.0
50.0
ns
Return loss (Input and Output)
762.0 ...
776.0 MHz
12.0
13.5
dB
Attenuation
α
0.0 ...
431.0
MHz
57
60
dB
431.0 ...
604.0
MHz
50
60
dB
604.0 ...
690.0
MHz
30
58
dB
690.0 ...
733.0
MHz
20
52
dB
733.0 ...
752.0
MHz
9
22
dB
804.0 ...
847.0
MHz
25
36
dB
847.0 ...
892.7
MHz
30
52
dB
892.7 ...
910.7
MHz
50
56
dB
910.7 ...
995.3
MHz
47
54
dB
995.3 ... 1121.0
MHz
42
52
dB
1524.0 ... 1554.0
MHz
30
42
dB
2286.0 ... 2331.0
MHz
30
39
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K


Similar Part No. - B4236_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4236 EPCOS-B4236 Datasheet
168Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
More results

Similar Description - B4236_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
   SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9802J610 TDK-B39941B9802J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
B39941B9904P810 TDK-B39941B9904P810 Datasheet
183Kb / 12P
   SAW Rx 2in1 filter
B39941B9828P810 TDK-B39941B9828P810 Datasheet
172Kb / 12P
   SAW Rx 2in1 filter
B39941B9801J610 TDK-B39941B9801J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9520P810 TDK-B39202B9520P810 Datasheet
168Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39212B9912P810 TDK-B39212B9912P810 Datasheet
190Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com