Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39700B5015Z510 Datasheet(PDF) 4 Page - EPCOS

Part # B39700B5015Z510
Description  CDMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39700B5015Z510 Datasheet(HTML) 4 Page - EPCOS

  B39700B5015Z510 Datasheet HTML 1Page - EPCOS B39700B5015Z510 Datasheet HTML 2Page - EPCOS B39700B5015Z510 Datasheet HTML 3Page - EPCOS B39700B5015Z510 Datasheet HTML 4Page - EPCOS B39700B5015Z510 Datasheet HTML 5Page - EPCOS B39700B5015Z510 Datasheet HTML 6Page - EPCOS B39700B5015Z510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
June 29, 2009
B5015
70.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 50
Element values depend upon board layout and properties.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
10
dBm
Cp1 =68 pF
Ls2 = 130 nH
Ls3 = 160 nH
Cp4 =33 pF
Cp1
Cp4
Ls3
Ls2


Similar Part No. - B39700B5015Z510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39700-B3605-Z510 EPCOS-B39700-B3605-Z510 Datasheet
106Kb / 8P
   SAW Components Low-loss Filter 70,00 MHz
B39700-B3897-Z510 EPCOS-B39700-B3897-Z510 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
B39700-B5015-Z510 EPCOS-B39700-B5015-Z510 Datasheet
69Kb / 6P
   SAW Components Low-Loss Filter 70,0 MHz
B39700-B5018-Z510 EPCOS-B39700-B5018-Z510 Datasheet
60Kb / 6P
   SAW Components Low-Loss Filter 70,0 MHz
More results

Similar Description - B39700B5015Z510

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP410 RFHIC-AP410_14 Datasheet
240Kb / 8P
   CDMA, W-CDMA Medium Power Amplifier
logo
RF Micro Devices
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
EPCOS
B4182 EPCOS-B4182_1 Datasheet
74Kb / 10P
   CDMA BTS
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
ANADIGICS, Inc
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
   HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
EPCOS
B39881B7654P810 EPCOS-B39881B7654P810 Datasheet
254Kb / 13P
   SAW Duplexer W-CDMA Band 5 / CDMA 800
logo
American Accurate Compo...
JXMBSG-T-C10-01-C AAC-JXMBSG-T-C10-01-C Datasheet
195Kb / 1P
   CDMA Cavity Diplexer
logo
Transko Electronics, In...
TD8388BC2 TRANSKO-TD8388BC2 Datasheet
630Kb / 5P
   CDMA SAW Duplexer
Revision 1: November 2008
TD8388BC1 TRANSKO-TD8388BC1 Datasheet
595Kb / 5P
   CDMA SAW Duplexer
Revision 1: November 2008
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com