Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5032 Datasheet(PDF) 4 Page - EPCOS

Part # B5032
Description  WiMAX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5032 Datasheet(HTML) 4 Page - EPCOS

  B5032_1 Datasheet HTML 1Page - EPCOS B5032_1 Datasheet HTML 2Page - EPCOS B5032_1 Datasheet HTML 3Page - EPCOS B5032_1 Datasheet HTML 4Page - EPCOS B5032_1 Datasheet HTML 5Page - EPCOS B5032_1 Datasheet HTML 6Page - EPCOS B5032_1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jun 29, 2009
B5032
456.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 200
Ω balanced (element values depend on PCB layout)
4:1 transformer is only required for measurement in a 50
Ω environment
Maximum ratings
Operable temperature range T
–40/+90
˚C
Storage temperature range
Tstg
–40/+90
˚C
DC voltage
VDC
5
V
between input, output and ground
DC voltage
VDC
0
V
between 10,12 and between 4,6
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
Normalized transfer function (pass band)
V
machine model, 1 pulse
Input power
PIN
10
dBm
Cs1, Cs2 not used
Lp1 = 15 nH
Cs3, Cs4 not used
Lp2 = 15 nH
1:4
4:1


Similar Part No. - B5032_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5032 EPCOS-B5032 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 456.00 MHz
More results

Similar Description - B5032_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5034 EPCOS-B5034_1 Datasheet
58Kb / 7P
   WiMAX
B5094 EPCOS-B5094 Datasheet
100Kb / 8P
   WiMax
logo
Analog Devices
AD9353 AD-AD9353_15 Datasheet
97Kb / 2P
   WiMAX RF
Rev. Sp0
logo
Johanson Technology Inc...
2500AT52M3555 JOHANSON-2500AT52M3555_08 Datasheet
84Kb / 4P
   WiMAX Products
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
List of Unclassifed Man...
FXP100070100A ETC2-FXP100070100A Datasheet
740Kb / 9P
   Flexible WiMAX antenna
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
AD9352 AD-AD9352_15 Datasheet
103Kb / 2P
   WiMAX/WiBro RF
Rev. Sp0
logo
EPCOS
B5075 EPCOS-B5075 Datasheet
89Kb / 8P
   SAW filter WiMAX
logo
NXP Semiconductors
BLF6G27-10 NXP-BLF6G27-10 Datasheet
117Kb / 15P
   WiMAX power LDMOS transistor
Rev. 01-4 February 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com