Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39421B5048Z810 Datasheet(PDF) 3 Page - EPCOS

Part # B39421B5048Z810
Description  TETRA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39421B5048Z810 Datasheet(HTML) 3 Page - EPCOS

  B39421B5048Z810 Datasheet HTML 1Page - EPCOS B39421B5048Z810 Datasheet HTML 2Page - EPCOS B39421B5048Z810 Datasheet HTML 3Page - EPCOS B39421B5048Z810 Datasheet HTML 4Page - EPCOS B39421B5048Z810 Datasheet HTML 5Page - EPCOS B39421B5048Z810 Datasheet HTML 6Page - EPCOS B39421B5048Z810 Datasheet HTML 7Page - EPCOS B39421B5048Z810 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 20, 2006
B5048
420.0 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 to +70˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
420.0
MHz
Maximum insertion attenuation
α
max
410.0
...
430.0
MHz
3.2
4.5 1)
1) 3.5 dB at 25 ˚C.
dB
Amplitude ripple (p-p)
∆α
410.0
...
430.0
MHz
0.9
2.5 2)
2) 1.5 dB at 25 ˚C.
dB
Input VSWR
410.0
...
430.0
MHz
2.0
2.3
Output VSWR
410.0
...
430.0
MHz
2.1
2.3
Attenuation
α
0.0
...
330.0
MHz
37
42
dB
330.0
...
355.0
MHz
31
34
dB
355.0
...
400.0
MHz
13
17
dB
440.0
...
474.0
MHz
15
18
dB
474.0
...
491.0
MHz
26
32
dB
491.0
...
572.0
MHz
28
33
dB
572.0
...
593.0
MHz
36
40
dB
593.0
... 1392.0
MHz
28
32
dB
1392.0
... 1616.0
MHz
24
28
dB
1616.0
... 2046.0
MHz
18
23
dB
Temperature coefficient of frequency
TCf
-70
ppm/K


Similar Part No. - B39421B5048Z810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39421B5048Z810 TDK-B39421B5048Z810 Datasheet
113Kb / 8P
   SAW Components SAW Rx Filter
More results

Similar Description - B39421B5048Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
   TETRA Baseband Processor
logo
EPCOS
B5151 EPCOS-B5151 Datasheet
149Kb / 13P
   SAW RF filter TETRA
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
logo
Abracon Corporation
APAMSTJ-139 ABRACON-APAMSTJ-139 Datasheet
3Mb / 2P
   Tetra An tenna Module
06.11.15
logo
EPCOS
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5055 EPCOS-B5055 Datasheet
86Kb / 8P
   SAW Rx filter TETRA
logo
Tyco Electronics
408-4099 MACOM-408-4099 Datasheet
156Kb / 5P
   Pneumatic TETRA-CRIMP Adapter
logo
EPCOS
B5054 EPCOS-B5054 Datasheet
108Kb / 8P
   SAW Rx filter TETRA
B5073 EPCOS-B5073 Datasheet
52Kb / 7P
   SAW RF filter TETRA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com