Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11C0FU3 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC68HC11C0FU3
Description  8-Bit Microcontroller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11C0FU3 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC68HC11C0FU3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC11C0FU3 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
MOTOROLA
MC68HC11C0
8
MC68HC11C0TS/D
RAMON — RAM Enable
Refer to 3 On-Chip Memory.
Bit 0 — Not implemented
Always reads zero
Figure 4 Address/Data Demultiplexing
2.2 Single-Chip Mode
In single-chip operating mode, the MC68HC11C0 is a stand-alone microcontroller with no external ad-
dress or data bus. External address and data lines are disabled. Bootloader ROM appears in the mem-
ory map at locations $BC00–$BFFF and $FC00–$FFFF. Since there is no external address or data bus,
the user must make certain that the RAM contains valid code before entering single-chip mode. The
register block is initially located at $0000 and can be remapped to any 1-Kbyte boundary. RAM is initially
located at $0400–$04FF and can be remapped to any 1-Kbyte boundary. Vectors are fetched internally
from locations $FFC0–$FFFF. Refer to the memory map diagram.
2.3 Bootstrap Mode
Bootstrap mode allows special-purpose programs to be entered into internal RAM. This mode is entered
by resetting to special test mode and then clearing the MDA bit in HPRIO register. When this mode is
selected, a 1024-byte bootstrap ROM becomes present in the memory map. Reset and interrupt vectors
ADDR15
ADDR14
ADDR13
ADDR12
ADDR11
ADDR10
ADDR9
ADDR8
ADDR7/DATA7
ADDR6/DATA6
ADDR5/DATA5
ADDR4/DATA4
ADDR3/DATA3
ADDR2/DATA2
ADDR1/DATA1
ADDR0/DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
DATA8
LE
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q0
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
R/W/WR
E/RD
WE
ADDR15
ADDR14
ADDR13
ADDR12
ADDR11
ADDR10
ADDR9
ADDR8
MC54/74HC373
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
AS
MC68HC11C0
NOTE: Use of the RD and
WR signals instead of E and
R/W will eliminate the need
for the external inverters and
NAND gate.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11C0FU3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11C0FU3 NXP-MC68HC11C0FU3 Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
More results

Similar Description - MC68HC11C0FU3

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com