Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7027 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGA7027
Description  400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7027 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGA7027 Datasheet HTML 3Page - NXP Semiconductors BGA7027 Datasheet HTML 4Page - NXP Semiconductors BGA7027 Datasheet HTML 5Page - NXP Semiconductors BGA7027 Datasheet HTML 6Page - NXP Semiconductors BGA7027 Datasheet HTML 7Page - NXP Semiconductors BGA7027 Datasheet HTML 8Page - NXP Semiconductors BGA7027 Datasheet HTML 9Page - NXP Semiconductors BGA7027 Datasheet HTML 10Page - NXP Semiconductors BGA7027 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BGA7027
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 11 August 2010
7 of 19
NXP Semiconductors
BGA7027
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Tcase = 25 °C.
(1) RLin.
(2) RLout.
(3) ISL.
PL = 17 dBm; tone spacing = 1 MHz
(1) Tcase = 25 °C.
(2) Tcase = 85 °C.
(3) Tcase = −40 °C.
Fig 5.
Input return loss, output return loss and
isolation as a function of frequency
Fig 6.
Output third-order intercept point as a function
of frequency
001aam132
f (GHz)
0.92
0.96
0.95
0.94
0.93
−20
−10
0
−30
(1)
(2)
(3)
RLin, RLout, ISL
(dB)
001aam133
f (GHz)
0.92
0.96
0.95
0.94
0.93
40
42
38
44
46
IP3O
(dBm)
36
(1)
(2)
(3)
See Table 11 for a list of components.
Fig 7.
5 V application reference board; 920 MHz to 960 MHz
J3
C9
C8
C6
C5
C4
C3
C2
C1
L2
C10
L1
C7
MSL9
MSL7
MSL6
MSL8
MSL1
MSL2
MSL3
MSL4
MSL5
J1
RF in
J2
RF out
001aam068
R1


Similar Part No. - BGA7027

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7027 NXP-BGA7027 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA7027

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
   400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
   400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
   400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
   400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
   700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
Skyworks Solutions Inc.
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
   Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
   2300 ??2700 MHz High Gain and Linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com