Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7027 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGA7027
Description  400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7027 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGA7027 Datasheet HTML 4Page - NXP Semiconductors BGA7027 Datasheet HTML 5Page - NXP Semiconductors BGA7027 Datasheet HTML 6Page - NXP Semiconductors BGA7027 Datasheet HTML 7Page - NXP Semiconductors BGA7027 Datasheet HTML 8Page - NXP Semiconductors BGA7027 Datasheet HTML 9Page - NXP Semiconductors BGA7027 Datasheet HTML 10Page - NXP Semiconductors BGA7027 Datasheet HTML 11Page - NXP Semiconductors BGA7027 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BGA7027
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 11 August 2010
8 of 19
NXP Semiconductors
BGA7027
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
[1]
Low Q inductor.
[2]
MSL1 to MSL9 dimensions are specified as Width (W), Spacing (S) and Length (L).
Table 11.
List of components of 920 MHz to 960 MHz, 5 V application
See Figure 2 and Figure 7 for component layout.
Printed-Circuit Board (PCB): Rogers RO4003C stack; height = 0.508 mm; copper plating thickness = 35
μm.
Component
Description
Value
Function
Remarks
C1, C6
capacitor
68 pF
DC blocking
Murata, GRM1885C1H680JA01D
C2
capacitor
5.6 pF
input match
Murata, GRM1885C1H5R6CZ01D
C3
capacitor
2.7 pF
input match
Murata, GRM1885C1H2R7CZ01D
C4
capacitor
1.0 pF
output match
Murata, GRM1885C1H1R0CZ01D
C5
capacitor
3.9 pF
output match
Murata, GRM1885C1H3R9CZ01D
C7
capacitor
68 pF
RF decoupling
Murata, GRM1885C1H680JA01D
C8
capacitor
100 nF
LF decoupling
AVX, 0603YC104KAT2A
C9
capacitor
10
μF
LF decoupling
AVX, 1206ZG106ZAT2A
C10
capacitor
68 nF
IMD3 suppression
Murata, GRM1888R71H683KA93D
J1, J2
RF connector
SMA
Emerson Network Power,
142-0701-841
J3
DC connector
6 pins
MOLEX
L1
inductor
22 nH
DC Feed
Tyco Electronics, 36501J022JTDG
L2[1]
inductor
33 nH
IMD3 suppression
Tyco Electronics, 36501J033JTDG
MSL1[2]
micro stripline
1.14 mm
× 0.8 mm × 10.95 mm input match
MSL2[2]
micro stripline
1.14 mm
× 0.8 mm × 4.3 mm
input match
MSL3[2]
micro stripline
1.14 mm
× 0.8 mm × 1.7 mm
input match
MSL4[2]
micro stripline
1.14 mm
× 0.8 mm × 4.8mm
input match
MSL5[2]
micro stripline
1.14 mm
× 0.8 mm × 2.7 mm
output match
MSL6[2]
micro stripline
1.14 mm
× 0.8 mm × 3.2 mm
output match
MSL7[2]
micro stripline
1.14 mm
× 0.8 mm × 4.0 mm
output match
MSL8[2]
micro stripline
1.14 mm
× 0.8 mm × 1.6 mm
output match
MSL9[2]
micro stripline
1.14 mm
× 0.8 mm × 10.95 mm output match
R1
resistor
0
Ω
Multicomp, MC 0.063W 0603 0R


Similar Part No. - BGA7027

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7027 NXP-BGA7027 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA7027

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
   400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
   400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
   400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
   400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
   700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
Skyworks Solutions Inc.
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
   Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
   2300 ??2700 MHz High Gain and Linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com