Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV102 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAV102
Description  Single general-purpose switching diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV102 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAV102 Datasheet HTML 2Page - NXP Semiconductors BAV102 Datasheet HTML 3Page - NXP Semiconductors BAV102 Datasheet HTML 4Page - NXP Semiconductors BAV102 Datasheet HTML 5Page - NXP Semiconductors BAV102 Datasheet HTML 6Page - NXP Semiconductors BAV102 Datasheet HTML 7Page - NXP Semiconductors BAV102 Datasheet HTML 8Page - NXP Semiconductors BAV102 Datasheet HTML 9Page - NXP Semiconductors BAV102 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BAV102_BAV103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 6 August 2010
6 of 11
NXP Semiconductors
BAV102; BAV103
Single general-purpose switching diodes
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 8.
Package outline SOD80C
06-03-16
Dimensions in mm
1.60
1.45
0.3
3.7
3.3
0.3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
2500
10000
BAV102
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135
BAV103


Similar Part No. - BAV102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV102 PHILIPS-BAV102 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
85Kb / 4P
   Small Signal Switching Diodes, High Voltage
01-Jan-2022
logo
Taiwan Semiconductor Co...
BAV102 TSC-BAV102 Datasheet
94Kb / 2P
   500mW Hermetically Sealed Glass High Voltage Switching Diodes
logo
SUNMATE electronic Co.,...
BAV102 SUNMATE-BAV102 Datasheet
97Kb / 2P
   250mA Surface Mount Schottky Barrier Diode
logo
Vishay Siliconix
BAV102 VISHAY-BAV102 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
More results

Similar Description - BAV102

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAV102 NEXPERIA-BAV102 Datasheet
796Kb / 11P
   Single general-purpose switching diodes
Rev. 4 - 6 August 2010
logo
NXP Semiconductors
BAV102_BAV103 PHILIPS-BAV102_BAV103_15 Datasheet
121Kb / 11P
   Single general-purpose switching diodes
Rev. 4-6 August 2010
BAV102 NXP-BAV102 Datasheet
64Kb / 10P
   Single general-purpose switching diodes
Rev. 03-16 August 2007
logo
Continental Device Indi...
CS1553 CDIL-CS1553 Datasheet
90Kb / 3P
   SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com