Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35715-L010-B00AK Datasheet(PDF) 2 Page - 3M Electronics

Part # 35715-L010-B00AK
Description  3M??Power Clamp Branch Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

35715-L010-B00AK Datasheet(HTML) 2 Page - 3M Electronics

  35715-L010-B00AK Datasheet HTML 1Page - 3M Electronics 35715-L010-B00AK Datasheet HTML 2Page - 3M Electronics 35715-L010-B00AK Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPower Clamp Branch Connector
3 mm, Branch,Y-Type, 1 Socket and 2 Plugs, 5 Positions x 3
357 Series
TS-2304-B
Sheet 2 of 2
Ordering Information
35715-L010-X00 AK
mm
[Inch]
Tolerance Unless Noted
.0
.00
.000
mm
±3
±.13 ±.008
[ ] Dimensions for Reference Only
Polarization:
A: Type A (wide)
B: Type B (narrow)
Polarization
Type A
Type B
Available Part Numbers
3M Part Number
Polarization Key
35715-L010-A00 AK
A
35715-L010-B00 AK
B
(RIA E1 and C1 Apply)
C


Similar Part No. - 35715-L010-B00AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35715111 ETC-35715111 Datasheet
2Mb / 1P
   SEE COMPONENT DRAWING
REV 02
More results

Similar Description - 35715-L010-B00AK

ManufacturerPart #DatasheetDescription
logo
3M Electronics
356 3M-356 Datasheet
1Mb / 4P
   3M??Power Clamp Header
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
358 3M-358 Datasheet
1Mb / 4P
   3M??Power Clamp Wiremount Plug
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
logo
Glenair, Inc.
710-493MA24 GLENAIR-710-493MA24 Datasheet
67Kb / 1P
   Metal Multi-Branch Transitions
logo
PHOENIX CONTACT
2715982 PHOENIX-2715982 Datasheet
61Kb / 3P
   Branch terminal - IAK 16
09/12/2020
logo
Glenair, Inc.
710-093 GLENAIR-710-093 Datasheet
71Kb / 1P
   Metal Multi-Branch Transitions
710-077 GLENAIR-710-077 Datasheet
69Kb / 1P
   Metal Multi-Branch Transitions
logo
Pepperl+Fuchs Inc.
NBN2-F581-160S6-E8-V1 PF-NBN2-F581-160S6-E8-V1 Datasheet
225Kb / 2P
   Inductive power clamp sensor
NBXX-F58D3X3-E8-V1 PF-NBXX-F58D3X3-E8-V1 Datasheet
292Kb / 3P
   Inductive power clamp sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com