Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA4800AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA4800AF
Description  1 A Output Current Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4800AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA4800AF Datasheet HTML 1Page - Toshiba Semiconductor TA4800AF Datasheet HTML 2Page - Toshiba Semiconductor TA4800AF Datasheet HTML 3Page - Toshiba Semiconductor TA4800AF Datasheet HTML 4Page - Toshiba Semiconductor TA4800AF Datasheet HTML 5Page - Toshiba Semiconductor TA4800AF Datasheet HTML 6Page - Toshiba Semiconductor TA4800AF Datasheet HTML 7Page - Toshiba Semiconductor TA4800AF Datasheet HTML 8Page - Toshiba Semiconductor TA4800AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA4800AF
2009-09-30
2
Marking
Note 1: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
The product(s) in this document (“Product”) contain functions intended to protect the Product from
temporary small overloads such as minor short-term overcurrent or overheating. The protective
functions do not necessarily protect Product under all circumstances. When incorporating Product into
your system, please design the system (1) to avoid such overloads upon the Product, and (2) to shut
down or otherwise relieve the Product of such overload conditions immediately upon occurrence. For
details, please refer to the notes appearing below in this document and other documents referenced in
this document.
Pin Description
Pin No.
Symbol
Description
1
NC
Non-connection
2
IN
Input terminal. Connected by capacitor (CIN) to GND.
3
GND
Ground terminal
4
OUT
Output terminal. Connected by capacitor (COUT) to GND.
5
ADJ
Output voltage feedback to regulator. It is connected to an error amplifier with
VREF=1.245 V (typ.).
How to Order
Product No.
Package
Package Type and Capacity
TA4800AF (T6L1,Q)
5-pin New PW-Mold : Surface-mount
Tape (2000 pcs/reel)
Block Diagram
3
4800
Lot No.
Note 1
Part No. (or abbreviation code)
1
3
5
4
2
AF
GND
Over-
temperature
protection
Over-current
protection
Control
circuit
IN
OUT
Reference
voltage
ADJ
1.245 V (Typ.)


Similar Part No. - TA4800AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
More results

Similar Description - TA4800AF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
NEC
UPD120N NEC-UPD120N Datasheet
157Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
logo
Texas Instruments
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com