Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11K0MFN4 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68HC11K0MFN4
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11K0MFN4 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68HC11K0MFN4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC11K0MFN4 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
MOTOROLA
M68HC11 K Series
10
MC68HC11KTS/D
PWCNT[4:1]
Pulse-Width Modulation Timer Counter 1 to 4
$0064–$0067
77
PWDTY[4:1]
Pulse-Width Modulation Timer Duty Cycle 1 to 4
$006C–$006F
78
PWEN
Pulse-Width Modulation Timer Enable
$0063
77
PWPER[4:1]
Pulse-Width Modulation Timer Period 1 to 4
$0068–$006B
78
PWPOL
Pulse-Width Modulation Timer Polarity
$0061
62, 76
PWSCAL
Pulse-Width Modulation Timer Prescaler
$0062
63, 77
S
SCBDH/L
SCI Baud Rate Control High/Low
$0070, $0071
52
SCCR1
SCI Control 1
$0072
45, 52
SCCR2
SCI Control 2
$0073
53
SCSR1
SCI Status Register 1
$0074
54
SCSR2
SCI Status Register 2
$0075
55
SPCR
Serial Peripheral Control
$0028
45
SPCR
Serial Peripheral Control Register
$0028
57
SPDR
SPI Data
$002A
58
SPSR
Serial Peripheral Status Register
$0029
58
T
TCNT
Timer Count
$000E, $000F
66
TCTL2
Timer Control 2
$0021
67
TFLG2
Timer Interrupt Flag 2
$0025
69, 72
TI4/O5
Timer Input Capture 4/Output Compare 5
$001E–$001F
67
TMSK1
Timer Interrupt Mask 1
$0022
68
TMSK2
Timer Interrupt Mask 2
$0024
68, 72
TOC1–TOC4
Timer Output Compare
$0016–$001D
67
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11K0MFN4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11K0MFN4 MOTOROLA-MC68HC11K0MFN4 Datasheet
420Kb / 80P
   8-Bit Microcontroller
MC68HC11K0MFN4 MOTOROLA-MC68HC11K0MFN4 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11K0MFN4 FREESCALE-MC68HC11K0MFN4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
logo
NXP Semiconductors
MC68HC11K0MFN4 NXP-MC68HC11K0MFN4 Datasheet
909Kb / 80P
   8-Bit Microcontroller
More results

Similar Description - MC68HC11K0MFN4

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com