Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC16Y1CFC Datasheet(PDF) 4 Page - Motorola, Inc

Part # M68HC16Y1CFC
Description  16-Bit Modular Microcontroller
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC16Y1CFC Datasheet(HTML) 4 Page - Motorola, Inc

  M68HC16Y1CFC Datasheet HTML 1Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 2Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 3Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 4Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 5Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 6Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 7Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 8Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
MOTOROLA
MC68HC16Y1
4
MC68HC16Y1TS/D
Figure 1 MC68HC16Y1 Block Diagram
Y1 BLOCK
PADA5/AN5
PADA7/AN7
PADA4/AN4
PADA6/AN6
CPU16
ADC
IMB
PADA0/AN0
PADA1/AN1
PADA2/AN2
TXDA
TXDB
SCK
MISO
MOSI
RXDB
PADA3/AN3
SS
VDDA
RXDA
BKPT/DSCLK
IPIPE1/DSI
IPIPE0/DSO
IRQ[7:1]
ADDR[23:0]
FC2
FC1
FC0
BG
BR
BGACK
MODCLK
CLOCK
EBI
CS
BGACK/CSE
BG/CSM
BR/CS0
R/W
RESET
HALT
BERR
CLKOUT
XTAL
EXTAL
CHIP
SELECTS
CSBOOT
PA[7:0]/ADDR[18:11]
QUOT
TEST
FREEZE/QUOT
TSC
TSC
PC0/FC0/CS3
PC1/FC1
PC2/FC2/CS5
PC3/ADDR19/CS6
PC4/ADDR20/CS7
PC5/ADDR21/CS8
PC6/ADDR22/CS9
ADDR23/CS10
PF7/IRQ7
PF6/IRQ6
PF5/IRQ5
PF4/IRQ4
PF3/IRQ3
PF2/IRQ2
PF1/IRQ1
PF0/MODCLK
SIZ1
PE7/SIZ1
SIZ0
PE6/SIZ0
DSACK0
PE0/DSACK0
DSACK1
PE1/DSACK1
AVEC
PE2/AVEC
PE3
AS
PE5/AS
PE3
PE4/DS
XFC
VDDSYN
DS
PB[7:0]/ADDR[10:3]
ADDR[2:0]
DATA[15:0]
PG[7:0]/DATA[15:8]
PH[7:0]/DATA[7:0]
TPU
PGP5/OC3/OC1
PGP7/IC4/OC5/OC1
PGP4/OC2/OC1
PGP6/OC4/OC1
PGP0/IC1
PGP1/IC2
PGP2/IC3
PGP3/OC1
PMC5/TXDB
PMC7/TXDA
PMC4/RXDB
PMC6/RXDA
PMC0/MISO
PMC1/MOSI
PMC2/SCK
PMC3/SS
TP[15:0]
T2CLK
PAI
VSSA
VSTBY
VRL
VRH
KBYTES
SRAM
2
GPT
FREEZE
VSTBY
KBYTES
ROM
48
MCCI
PAI
PWMA
PWMB
PCLK
IC4/OC5/OC1
OC4/OC1
OC3/OC1
OC2/OC1
OC1
IC3
IC2
IC1
PWMA
PWMB
PCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - M68HC16Y1CFC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
M68HC16 NXP-M68HC16 Datasheet
652Kb / 28P
   20.97 MHz Electrical Characteristics
M68HC16 NXP-M68HC16 Datasheet
345Kb / 4P
   MCUasmTM Assembly Language Toolset for Microcontrollers
M68HC16 NXP-M68HC16 Datasheet
4Mb / 144P
   16-Bit Modular Microcontroller
logo
Freescale Semiconductor...
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
logo
NXP Semiconductors
M68HC16ZEC20 NXP-M68HC16ZEC20 Datasheet
652Kb / 28P
   20.97 MHz Electrical Characteristics
More results

Similar Description - M68HC16Y1CFC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC916Y1 NXP-MC68HC916Y1 Datasheet
4Mb / 144P
   16-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68HC916Y1 FREESCALE-MC68HC916Y1 Datasheet
4Mb / 144P
   16-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68HC16Z3PP NXP-MC68HC16Z3PP Datasheet
683Kb / 4P
   16-Bit Modular Microcontroller
logo
Motorola, Inc
MC68HC16Z3 MOTOROLA-MC68HC16Z3 Datasheet
260Kb / 4P
   16-BIT MODULAR MICROCONTROLLER
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com