Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC16Y1CFC Datasheet(PDF) 11 Page - Motorola, Inc

Part # M68HC16Y1CFC
Description  16-Bit Modular Microcontroller
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC16Y1CFC Datasheet(HTML) 11 Page - Motorola, Inc

Back Button M68HC16Y1CFC Datasheet HTML 7Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 8Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 9Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 10Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 11Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 12Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 13Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 14Page - Motorola, Inc M68HC16Y1CFC Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
MC68HC16Y1
MOTOROLA
MC68HC16Y1TS/D
11
2.4 Condition Code Register
The condition code register can be considered as two functional blocks. The MSB, which corresponds
to the CCR in the M68HC11, contains the low-power stop control bit and processor status flags. The
LSB contains the interrupt priority field, the DSP saturation mode control bit, and the program counter
address extension field.
S — STOP Enable
0 = Stop clock when LPSTOP instruction is executed.
1 = Perform NOP when LPSTOP instruction is executed.
MV — Accumulator M overflow flag
Set when overflow into the accumulator M sign bit (AM35) has occurred.
H — Half Carry Flag
Set when a carry from bit 3 in accumulators A or B occurs during BCD addition.
EV — Extension Bit Overflow Flag
Set when an overflow into bit 31 of accumulator M has occurred.
N — Negative Flag
Set when the MSB of a result register is set.
Z — Zero Flag
Set when all bits of a result register are zero.
V — Overflow Flag
Set when twos complement overflow occurs as the result of an operation.
C — Carry Flag
Set when a carry or borrow occurs during arithmetic operation. Also used during shift and rotate oper-
ations to facilitate multiple word operations.
INT[2:0] — Interrupt Priority Mask
The value of this field ($0 to $7) specifies the CPU16 interrupt priority level.
SM — Saturate Mode Bit
When SM is set, if either EV or MV is set, data read from accumulator M using TMRT or TMET will be
given maximum positive or negative value, depending on the state of the AM sign bit before overflow.
PK[3:0] — Program Counter Address Extension Field
This field is concatenated with the program counter to form a 20-bit pseudolinear address.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S
MV
H
EV
N
Z
V
C
INT
SM
PK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - M68HC16Y1CFC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
M68HC16 NXP-M68HC16 Datasheet
652Kb / 28P
   20.97 MHz Electrical Characteristics
M68HC16 NXP-M68HC16 Datasheet
345Kb / 4P
   MCUasmTM Assembly Language Toolset for Microcontrollers
M68HC16 NXP-M68HC16 Datasheet
4Mb / 144P
   16-Bit Modular Microcontroller
logo
Freescale Semiconductor...
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
logo
NXP Semiconductors
M68HC16ZEC20 NXP-M68HC16ZEC20 Datasheet
652Kb / 28P
   20.97 MHz Electrical Characteristics
More results

Similar Description - M68HC16Y1CFC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC916Y1 NXP-MC68HC916Y1 Datasheet
4Mb / 144P
   16-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68HC916Y1 FREESCALE-MC68HC916Y1 Datasheet
4Mb / 144P
   16-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68HC16Z3PP NXP-MC68HC16Z3PP Datasheet
683Kb / 4P
   16-Bit Modular Microcontroller
logo
Motorola, Inc
MC68HC16Z3 MOTOROLA-MC68HC16Z3 Datasheet
260Kb / 4P
   16-BIT MODULAR MICROCONTROLLER
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com