Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68S11PH8CFN4 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68S11PH8CFN4
Description  High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68S11PH8CFN4 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68S11PH8CFN4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68S11PH8CFN4 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 264 page
background image
MOTOROLA
ii
MC68HC11PH8
TABLE OF CONTENTS
Paragraph
Number
Page
Number
Title
3
OPERATING MODES AND ON-CHIP MEMORY
3.1
Operating modes ...................................................................................................3-1
3.1.1
Single chip operating mode .............................................................................3-1
3.1.2
Expanded operating mode...............................................................................3-1
3.1.3
Special test -mode ...........................................................................................3-2
3.1.4
Special bootstrap mode ...................................................................................3-2
3.2
On-chip memory....................................................................................................3-3
3.2.1
Mapping allocations .........................................................................................3-4
3.2.1.1
RAM ...........................................................................................................3-4
3.2.1.2
ROM and EPROM......................................................................................3-5
3.2.1.3
Bootloader ROM ........................................................................................3-5
3.2.2
Registers..........................................................................................................3-5
3.3
System initialization ...............................................................................................3-10
3.3.1
Mode selection.................................................................................................3-10
3.3.1.1
HPRIO — Highest priority I-bit interrupt & misc. register ...........................3-11
3.3.2
Initialization ......................................................................................................3-12
3.3.2.1
CONFIG — System configuration register .................................................3-12
3.3.2.2
INIT — RAM and I/O mapping register ......................................................3-14
3.3.2.3
INIT2 — EEPROM mapping and MI BUS delay register............................3-16
3.3.2.4
OPTION — System configuration options register 1..................................3-17
3.3.2.5
OPT2 — System configuration options register 2 ......................................3-18
3.3.2.6
BPROT — Block protect register................................................................3-21
3.3.2.7
TMSK2 — Timer interrupt mask register 2.................................................3-22
3.4
EPROM, EEPROM and CONFIG register .............................................................3-23
3.4.1
EPROM............................................................................................................3-23
3.4.1.1
EPROG — EPROM programming control register.....................................3-23
3.4.1.2
EPROM programming ................................................................................3-24
3.4.2
EEPROM .........................................................................................................3-25
3.4.2.1
PPROG — EEPROM programming control register ..................................3-25
3.4.2.2
EEPROM bulk erase ..................................................................................3-27
3.4.2.3
EEPROM row erase ...................................................................................3-28
3.4.2.4
EEPROM byte erase ..................................................................................3-28
3.4.3
CONFIG register programming........................................................................3-29
3.4.4
RAM and EEPROM security ............................................................................3-30
4
PARALLEL INPUT/OUTPUT
4.1
Port A.....................................................................................................................4-2
4.1.1
PORTA — Port A data register ........................................................................4-2
4.1.2
DDRA — Data direction register for port A .....................................................4-2
TPG
8


Similar Part No. - MC68S11PH8CFN4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68S711E9 MOTOROLA-MC68S711E9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
MC68S711E9CFN2 MOTOROLA-MC68S711E9CFN2 Datasheet
3Mb / 336P
   Technical Data
MC68S711E9CFN2 MOTOROLA-MC68S711E9CFN2 Datasheet
3Mb / 268P
   Microcontrollers
logo
Freescale Semiconductor...
MC68S711E9CFN2 FREESCALE-MC68S711E9CFN2 Datasheet
1Mb / 242P
   HC11 Microcontrollers
logo
Motorola, Inc
MC68S711E9CFN2 MOTOROLA-MC68S711E9CFN2 Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
More results

Similar Description - MC68S11PH8CFN4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11PH8 MOTOROLA-MC68HC11PH8 Datasheet
1Mb / 264P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
MC68HC05J3 MOTOROLA-MC68HC05J3 Datasheet
918Kb / 92P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
MC68HC05B4 MOTOROLA-MC68HC05B4 Datasheet
1Mb / 298P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com