Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4894BP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4894BP
Description  12-stage shift-and-store register LED driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4894BP Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4894BP Datasheet HTML 1Page - NXP Semiconductors HEF4894BP Datasheet HTML 2Page - NXP Semiconductors HEF4894BP Datasheet HTML 3Page - NXP Semiconductors HEF4894BP Datasheet HTML 4Page - NXP Semiconductors HEF4894BP Datasheet HTML 5Page - NXP Semiconductors HEF4894BP Datasheet HTML 6Page - NXP Semiconductors HEF4894BP Datasheet HTML 7Page - NXP Semiconductors HEF4894BP Datasheet HTML 8Page - NXP Semiconductors HEF4894BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The HEF4894B is a 12-stage serial shift register. It has a storage latch associated with
each stage for strobing data from the serial input (D) to the parallel LED driver outputs
(QP0 to QP11). Data is shifted on positive-going clock (CP) transitions. The data in each
shift register stage is transferred to the storage register when the strobe (STR) input is
HIGH. Data in the storage register appears at the output whenever the output enable (OE)
input signal is HIGH.
Two serial outputs (QS1 and QS2) are available for cascading a number of HEF4894B
devices. Serial data is available at QS1 on positive-going clock edges to allow high-speed
operation in cascaded systems with a fast clock rise time. The same serial data is
available at QS2 on the next negative going clock edge. This is used for cascading
HEF4894B devices when the clock has a slow rise time.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS
(usually ground). Unused inputs must be connected to VDD, VSS, or another input. It is
also suitable for use over both the industrial (
−40 °C to +85 °C) and automotive (−40 °C to
+125
°C) temperature ranges.
2.
Features and benefits
Fully static operation
5 V, 10 V, and 15 V parametric ratings
Standardized symmetrical output characteristics
Operates across the automotive temperature range from
−40 °C to +125 °C
Complies with JEDEC standard JESD 13-B
3.
Applications
Automotive and industrial
4.
Ordering information
HEF4894B
12-stage shift-and-store register LED driver
Rev. 7 — 13 August 2010
Product data sheet
Table 1.
Ordering information
All types operate from
40 °C to +125 °C.
Type number
Package
Name
Description
Version
HEF4894BP
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
HEF4894BT
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
HEF4894BTT
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1


Similar Part No. - HEF4894BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4894BP PHILIPS-HEF4894BP Datasheet
69Kb / 7P
   12-stage shift-and-store register LED driver
January 1995
HEF4894BP PHILIPS-HEF4894BP Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
More results

Similar Description - HEF4894BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B Datasheet
69Kb / 7P
   12-stage shift-and-store register LED driver
January 1995
logo
Nexperia B.V. All right...
HEF4894B NEXPERIA-HEF4894B Datasheet
271Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 10 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B_15 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4794B PHILIPS-HEF4794B_15 Datasheet
192Kb / 18P
   8-stage shift-and-store register LED driver
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
HEF4794B-Q100 NEXPERIA-HEF4794B-Q100 Datasheet
236Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
HEF4794B NEXPERIA-HEF4794B Datasheet
251Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 10 - 6 January 2022
logo
NXP Semiconductors
HEF4794B PHILIPS-HEF4794B Datasheet
78Kb / 16P
   8-stage shift-and-store register LED driver
1999 Jun 30
HEF4794B-Q100 NXP-HEF4794B-Q100 Datasheet
135Kb / 17P
   8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com