Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNB-3734 Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # SNB-3734
Description  NEMA SHEET METAL BOX
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

SNB-3734 Datasheet(HTML) 1 Page - Bud Industries, Inc.

  SNB-3734 Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12.99
329.97
WALL MOUNTING BRACKETS, HINGE PINS, STRIKER - NATURAL
FRONT VIEW (LESS COVER)
MATERIAL:
BODY & COVER - 16 GA. [1.5mm] C.R.S.
INTERNAL PANEL - 14 GA. [2.0mm] C.R.S.
WALL MOUNTING BRACKETS - 14 GA. [2.0mm] STAINLESS STEEL
HINGE PINS, STRIKER & HARDWARE - STAINLESS STEEL
GASKET - .25 [6.35] THICK NEOPRENE (BLACK) OR EQUIVALENT
SEALING WASHERS - BLACK NEOPRENE OR EQUIVALENT
FINISH:
BODY & COVER - LIGHT GRAY SMOOTH POWDER COAT
INTERNAL PANEL - ZINC CHROMATE
INTERNAL PANEL DETAIL
M8 x 16mm LG. WELD STUD/STANDOFF (4x)
(FLAT WASHER, LOCKWASHER & HEX NUT FOR
INTERNAL PANEL MOUNTING)
259.56
OPENING
259.59
225.02
8.86
10.22 OPENING
10.22
8.86
225.04
BUD INDUSTRIES INC. ANY REPRODUCTION IN PART OR WHOLE WITHOUT
A
D
C
B
A
A
B
C
D
CAD GENERATED DRAWING,
DO NOT MANUALLY UPDATE
SCALE
SIZE
CAD FILE:
DWG. NO.
D
SHEET
REV.
DATE
APPROVALS
DRAWN
CHECKED
APPROVED
BUD INDUSTRIES INC.
1
1
OF
UNLESS OTHERWISE SPECIFIED
2
SNB-3734
NEMA SHEET METAL BOX
QTY.
ISSUE
USED ON
ALL DIMENSIONS ARE IN
.010
MATERIAL
FINISH
AS NOTED
AS NOTED
DO NOT SCALE DRAWING
PARTS LIST
1
2
3
4
5
6
7
8
8
7
6
5
4
3
[MILLIMETERS]
INCHES
.XXX
THE WRITTEN PERMISSION OF BUD INDUSTRIES INC. IS PROHIBITED.
REVISIONS
DWG. NO.
E
F
E
F
SNB-3734
DAB 9-21-07
TOLERANCES:
DECIMALS:
.XX
.03
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
PER ECN #10446
1-13-09 BT
A
250.44
9.86
10.43
265.00
QUARTER TURN
KEYED LATCH (2x)
.437 [11.10] x .687 [17.45] OBLONG
EACH BRACKET
WALL MOUNTING BRACKET
KIT TO CONTAIN THE FOLLOWING:
(4) BRACKETS, (4) BOLTS, (4) SEALING
WASHERS, (4) FLAT WASHERS,
(4) LOCKWASHERS & (4) HEX NUTS
A
300.00
11.81
262.94
10.35
11.81
300.02
199.77
REF.
9.53
.38
17.53
.69
7.29
185.12
7.87
.45
11.43
DO NOT POWDER COAT)
(FOR GROUNDING -
M6 x 16mm LG. WELD STUD
SEE DETAIL "B"
(1x) COVER & (1x) BODY
WELD & GRIND SMOOTH
ALL CORNERS & SEAMS
SCALE 2 : 1.75
GASKET
DETAIL B
NO GAP BETWEEN
GASKET JOINT.
OPTIONALLY JOINT
MAY BE SEALED
WITH ADHESIVE.
.75
TYP.
19.05
DETAIL A
SCALE 2 : 1.75
.125 [3.18] x .125 [3.18] CHAMFER (8x)
.250
6.35
(8x)
8.74
(8x)
.344
.472
11.99
.492
12.50
.984
24.99
1.76
44.70
1.476
37.49
.984
24.99
.644
16.36
1.125
28.58
19.99
.787
.41
10.41
.394 (4x)
10.01


Similar Part No. - SNB-3734

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
SNB-3734 BUD-SNB-3734 Datasheet
145Kb / 1P
   SNB-SERIES NEMA SHEET METAL BOXES
More results

Similar Description - SNB-3734

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
SNB-3735 BUD-SNB-3735 Datasheet
73Kb / 1P
   NEMA SHEET METAL BOX
SNB-3737 BUD-SNB-3737 Datasheet
75Kb / 1P
   NEMA SHEET METAL BOX
SNB-3733 BUD-SNB-3733 Datasheet
74Kb / 1P
   NEMA SHEET METAL BOX
SNB-3732 BUD-SNB-3732 Datasheet
73Kb / 1P
   NEMA SHEET METAL BOX
SNB-3736 BUD-SNB-3736 Datasheet
72Kb / 1P
   NEMA SHEET METAL BOX
SNB-3731 BUD-SNB-3731 Datasheet
73Kb / 1P
   NEMA SHEET METAL BOX
SNB-3738 BUD-SNB-3738 Datasheet
37Kb / 1P
   NEMA SHEET METAL BOX - STYLE B
logo
List of Unclassifed Man...
SN-3702 ETC2-SN-3702 Datasheet
160Kb / 2P
   NEMA STEEL METAL BOX
logo
Bud Industries, Inc.
SNB-3730 BUD-SNB-3730 Datasheet
145Kb / 1P
   SNB-SERIES NEMA SHEET METAL BOXES
logo
List of Unclassifed Man...
N3R-5801 ETC2-N3R-5801 Datasheet
71Kb / 1P
   NEMA 3R BOX
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com