Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4256CZ6-F Datasheet(PDF) 8 Page - NXP Semiconductors

Part # IP4256CZ6-F
Description  Single and dual-channel passive filter network with ESD protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4256CZ6-F Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button IP4256CZ6-F Datasheet HTML 4Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 5Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 6Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 7Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 8Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 9Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 10Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 11Page - NXP Semiconductors IP4256CZ6-F Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IP4256CZ3-M_CZ5-W_CZ6-F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 23 July 2010
8 of 13
NXP Semiconductors
IP4256CZ3-M/CZ5-W/CZ6-F
Single and dual-channel passive filter network with ESD protection
Fig 4.
Package outline SOT665
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-08
06-03-16
IEC
JEDEC
JEITA
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT665
bp
D
e1
e
A
Lp
detail X
HE
E
w M A
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
Plastic surface-mounted package; 5 leads
SOT665
YS


Similar Part No. - IP4256CZ6-F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4256CZ6-F NXP-IP4256CZ6-F Datasheet
265Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
logo
Nexperia B.V. All right...
IP4256CZ6-F NEXPERIA-IP4256CZ6-F Datasheet
862Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1 - 23 July 2010
More results

Similar Description - IP4256CZ6-F

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4256CZ3-M NEXPERIA-IP4256CZ3-M Datasheet
862Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1 - 23 July 2010
logo
NXP Semiconductors
IP4256CZ3-M NXP-IP4256CZ3-M_13 Datasheet
265Kb / 13P
   Single and dual-channel passive filter network with ESD protection
Rev. 1-23 July 2010
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP3319CX6 PHILIPS-IP3319CX6_15 Datasheet
363Kb / 15P
   Single-channel common-mode filter with integrated ESD protection network
Rev. 2-29 May 2013
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
   Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
Nexperia B.V. All right...
IP3319CX6 NEXPERIA-IP3319CX6 Datasheet
928Kb / 15P
   Single-channel common-mode filter with integrated ESD protection network
Rev. 2 - 29 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com